Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THDC Datasheet(PDF) 1 Page - Greystone Energy Systems Inc.

Part # THDC
Description  FLEXIBLE COPPER DUCT AVERAGE HIGH LIMIT THERMOSTAT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

THDC Datasheet(HTML) 1 Page - Greystone Energy Systems Inc.

  THDC Datasheet HTML 1Page - Greystone Energy Systems Inc. THDC Datasheet HTML 2Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GREYSTONE HAS AN ISO 9001 REGISTERED QUALITY SYSTEM
FLEXIBLE COPPER DUCT AVERAGE HIGH LIMIT THERMOSTAT
THDC SERIES
CABLE GLAND FITTING
THREAD ADAPTER 1/2” NPT TO M16
ACCESSORIES - INCLUDED WITH F STYLE ENCLOSURE
PRODUCT DESCRIPTION
The multi point duct average high limit thermostat
incorporates several precision thermistor
temperature sensors and provides a Form C relay
output (NO/NC) with an adjustable setpoint. The
sensor is encapsulated in a 7.94 mm (0.3125”)
OD, soft copper probe and is available in various
lengths (see ordering chart). All probes provide
excellent heat transfer, fast response and resistance
to moisture penetration. A Polycarbonate enclosure
with a hinged and gasketed cover is provided for
ease of installation.
TYPICAL INSTALLATION
For complete installation and wiring details,
please refer to the product installation
instructions.
The duct average probes are installed through a
hole in the side of the duct to monitor an average
temperature within the duct. Select a probe
length that allows for criss-crossing the duct
multiple times. Install the probes in a straight
section of duct at a suitable distance downstream
from any heating, cooling or humidification
devices.
The enclosure provides mounting tabs for ease of
installation.
POWER SUPPLY
12 to 28 Vac/dc
SENSOR ACCURACY
±0.2°C, 0 to 70°C (±0.36°F, 32 to 158°F)
PROBE SENSING RANGE
-20 to 60°C (-4 to 140°F)
PROBE MATERIAL
Soft copper
PROBE DIAMETER
7.94mm (0.3125”)
STANDARD LENGTHS
1800mm, 3600mm, 6100mm, 7300mm (6’, 12’, 20’, 24’)
WIRE MATERIAL
FT-6 plenum rated cable
CONSUMPTION
50 mA max
RELAY CONTACTS
SPDT, Form C contacts (N.O. and N.C.)
5 Amps @ 30 Vdc/250 Vac resistive
1.5 Amps @ 30 Vdc/250 vac inductive
RELAY ACTION
Activates on temperature rise
SETPOINT OPERATION
Single-turn knob-pot on PCB
ADJUSTABLE SETPOINT
38 to 60°C (100 to 140°F)
TEMPERATURE DIFFERENTIAL
Low: 1.1°C (2°F) Mid: 2.8°C (5°F) High: 5.6°C (10°F)
Jumper selectable
TEMPERATURE SENSOR
10,000Ω curve matched precision thermistor
SENSOR ACCURACY
±0.2°C, 0 to 70°C (±0.36°F, 32 to158°F)
OPERATING CONDITIONS
-10 to 50°C (14 to 122°F), 5 to 95 %RH, non-condensing
STORAGE CONDITIONS
-30 to 70°C (-22 to 158°F), 5 to 95 %RH, non-condensing
WIRING CONNECTIONS
Screw terminal block (14 to 22 AWG)
ENCLOSURE
B: Grey polycarbonate UL94-V0, IP65 (NEMA 4X)
F: Same as B with thread adapter (1/2” NPT to M16) and cable gland fitting
COUNTRY OF ORIGIN
Canada
SPECIFICATIONS
112.5 mm
4.43"
99.7 mm
3.93"
Various Probe Lengths
See Specifications
116.5 mm
4.58"
0.5" NPT
Foam Gasket
Soft Copper
53.7 mm
2.11"
7.94 mm
0.312"


Similar Part No. - THDC

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
THD-10 TRACOPOWER-THD-10 Datasheet
260Kb / 3P
DC/DC Converters THD 10 Series, 10 Watt
Rev. February 20, 2023
logo
Delta Electronics, Inc.
THD0948HE-AXHH DELTA-THD0948HE-AXHH Datasheet
742Kb / 10P
THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
logo
TRACO Electronic AG
THD10 TRACOPOWER-THD10 Datasheet
260Kb / 3P
DC/DC Converters THD 10 Series, 10 Watt
Rev. February 20, 2023
THD10-1210 TRACOPOWER-THD10-1210 Datasheet
260Kb / 3P
DC/DC Converters THD 10 Series, 10 Watt
Rev. February 20, 2023
THD10-1210N TRACOPOWER-THD10-1210N Datasheet
906Kb / 4P
DC/DC Converter THD 10N Series, 10 Watt
Rev. February 13, 2023
More results

Similar Description - THDC

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
PS-HATSDC GREYSTONE-PS-HATSDC Datasheet
378Kb / 2P
HIGH ACCURACY FLEXIBLE COPPER DUCT AVERAGE TEMPERATURE SENSOR
PS-HATXDC GREYSTONE-PS-HATXDC Datasheet
383Kb / 2P
HIGH ACCURACY FLEXIBLE COPPER DUCT AVERAGE TEMPERATURE TRANSMITTER
PS-TNDC GREYSTONE-PS-TNDC Datasheet
398Kb / 2P
FLEXIBLE COPPER NETWORK DUCT AVERAGE TEMPERATURE SENSOR
PS-TSDC GREYSTONE-PS-TSDC Datasheet
378Kb / 2P
FLEXIBLE COPPER DUCT AVERAGE TEMPERATURE SENSOR
THDF GREYSTONE-THDF Datasheet
276Kb / 2P
FLEXIBLE CABLE DUCT AVERAGE HIGH LIMIT THERMOSTAT
THDR GREYSTONE-THDR Datasheet
267Kb / 2P
RIGID DUCT AVERAGE HIGH LIMIT THERMOSTAT
TLDC GREYSTONE-TLDC Datasheet
397Kb / 2P
FLEXIBLE COPPER DUCT AVERAGE LOW LIMIT THERMOSTAT
TLDF GREYSTONE-TLDF Datasheet
276Kb / 2P
FLEXIBLE CABLE DUCT AVERAGE HIGH LIMIT THERMOSTAT
TLDR GREYSTONE-TLDR Datasheet
277Kb / 2P
RIGID DUCT AVERAGE LOW LIMIT THERMOSTAT
TXDC GREYSTONE-TXDC Datasheet
383Kb / 2P
FLEXIBLE COPPER DUCT AVERAGE TEMPERATURE TRANSMITTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com