Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLAP Datasheet(PDF) 1 Page - Greystone Energy Systems Inc.

Part # TLAP
Description  ALL PURPOSE DUCT/IMMERSION LOW LIMIT THERMOSTAT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

TLAP Datasheet(HTML) 1 Page - Greystone Energy Systems Inc.

  TLAP Datasheet HTML 1Page - Greystone Energy Systems Inc. TLAP Datasheet HTML 2Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GREYSTONE HAS AN ISO 9001 REGISTERED QUALITY SYSTEM
ALL PURPOSE DUCT/IMMERSION LOW LIMIT THERMOSTAT
TLAP SERIES
PRODUCT DESCRIPTION
The single point duct/immersion low limit thermostat
incorporates a precision thermistor sensor and
provides a Form C relay output (NO/NC) with an
adjustable setpoint. The sensor is encapsulated in
a 6mm (0.236”) OD, 304 stainless steel probe and is
available in various lengths (see ordering chart). All
probes provide excellent heat transfer, fast response
and resist moisture penetration. A hinged and
gasketed Polycarbonate enclosure is provided for
ease of installation.
TYPICAL INSTALLATION
For complete installation and wiring details,
please refer to the product installation
instructions.
The duct type probes are installed through a hole
in the side of the duct to monitor a single point
temperature within the duct. Since the probes are tip
sensitive, select a probe length that places the sensor
well into the duct. Install the probe in a straight
section of duct at a suitable distance downstream
from any heating, cooling or humidification devices.
The enclosure provides mounting tabs for ease of
installation.
NOTE: For immersion applications, T2 series
thermowell is required. When using a T1 series
thermowell an adapter will be required.
POWER SUPPLY
12 to 28 Vac/dc
SENSOR ACCURACY
±0.2°C, 0 to 70°C (±0.36°F, 32 to 158°F)
PROBE SENSING RANGE
-40 to 100°C (-40 to 212°F)
PROBE MATERIAL
304 series stainless steel
PROBE DIAMETER
6 mm (0.236”)
STANDARD LENGTHS
50, 100, 150, 200, 300, and 450 mm
(2”, 4”, 6”, 8”, 12”, and 18”)
WIRE MATERIAL
PVC insulated, parallel bonded, 22 AWG
CONSUMPTION
50 mA max
RELAY CONTACTS
SPDT, Form C contacts (N.O. and N.C.)
5 Amps @ 30 Vdc/250 Vac resistive
1.5 Amps @ 30 Vdc/250 vac inductive
RELAY ACTION
Activates on temperature fall
SETPOINT OPERATION
Single-turn knob-pot on PCB
ADJUSTABLE SETPOINT
-4 to 10°C (25 to 50°F)
SETPOINT TEMPERATURE
Low: 1.1°C (2°F) Mid: 2.8°C (5°F) High: 5.6°C (10°F)
Jumper selectable
TEMPERATURE SENSOR
Precision thermistor
AMBIENT OPERATING RANGE
-10 to 50°C (14 to 122°F), 5 to 95 %RH, non-condensing
STORAGE CONDITIONS
-30 to 70°C (-22 to 158°F), 5 to 95 %RH, non-condensing
WIRING CONNECTIONS
Screw terminal block (14 to 22 AWG)
ENCLOSURE
B: Grey polycarbonate UL94-V0, IP65 (NEMA 4X)
F: Same as B with thread adapter (1/2” NPT to M16) and cable gland fitting
COUNTRY OF ORIGIN
Canada
SPECIFICATIONS
Various Probe Lengths
See Specifications
116.5 mm
4.58"
0.5" NPT
Foam Gasket
304 Series S/S
53.7 mm
2.11"
6.00 mm
0.236"
112.5 mm
4.43"
99.7 mm
3.93"
DUCT MOUNTING
THERMOWELL MOUNTING
T1-AP THERMOWELL ADAPTER
THERMOWELL PLACEMENT
MOUNTING STYLES


Similar Part No. - TLAP

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
TLA-13-6012 TELEDYNE-TLA-13-6012 Datasheet
893Kb / 2P
Low Noise Amplifier 6 GHz - 13 GHz
TLA-13-6013 TELEDYNE-TLA-13-6013 Datasheet
893Kb / 2P
Low Noise Amplifier 6 GHz - 13 GHz
TLA-13-6014 TELEDYNE-TLA-13-6014 Datasheet
893Kb / 2P
Low Noise Amplifier 6 GHz - 13 GHz
TLA-13-6015 TELEDYNE-TLA-13-6015 Datasheet
891Kb / 2P
Low Noise Amplifier 6 GHz - 13 GHz
TLA-18-2002 TELEDYNE-TLA-18-2002 Datasheet
895Kb / 2P
Low Noise Amplifier 2 GHz - 18 GHz
More results

Similar Description - TLAP

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
PS-TSAP GREYSTONE-PS-TSAP Datasheet
316Kb / 2P
ALL PURPOSE DUCT/IMMERSION TEMPERATURE SENSOR
01/20
THAP GREYSTONE-THAP Datasheet
286Kb / 2P
ALL PURPOSE HIGH LIMIT THERMOSTAT
THDC GREYSTONE-THDC Datasheet
397Kb / 2P
FLEXIBLE COPPER DUCT AVERAGE HIGH LIMIT THERMOSTAT
THDF GREYSTONE-THDF Datasheet
276Kb / 2P
FLEXIBLE CABLE DUCT AVERAGE HIGH LIMIT THERMOSTAT
THDR GREYSTONE-THDR Datasheet
267Kb / 2P
RIGID DUCT AVERAGE HIGH LIMIT THERMOSTAT
TLDC GREYSTONE-TLDC Datasheet
397Kb / 2P
FLEXIBLE COPPER DUCT AVERAGE LOW LIMIT THERMOSTAT
TLDF GREYSTONE-TLDF Datasheet
276Kb / 2P
FLEXIBLE CABLE DUCT AVERAGE HIGH LIMIT THERMOSTAT
TLDR GREYSTONE-TLDR Datasheet
277Kb / 2P
RIGID DUCT AVERAGE LOW LIMIT THERMOSTAT
TLOB GREYSTONE-TLOB Datasheet
210Kb / 2P
OUTSIDE LOW LIMIT THERMOSTAT
TXAP GREYSTONE-TXAP Datasheet
322Kb / 2P
ALL PURPOSE DUCT/IMMERSION TEMPERATURE TRANSMITTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com