Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLDC Datasheet(PDF) 1 Page - Greystone Energy Systems Inc.

Part # TLDC
Description  FLEXIBLE COPPER DUCT AVERAGE LOW LIMIT THERMOSTAT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

TLDC Datasheet(HTML) 1 Page - Greystone Energy Systems Inc.

  TLDC Datasheet HTML 1Page - Greystone Energy Systems Inc. TLDC Datasheet HTML 2Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GREYSTONE HAS AN ISO 9001 REGISTERED QUALITY SYSTEM
FLEXIBLE COPPER DUCT AVERAGE LOW LIMIT THERMOSTAT
TLDC SERIES
CABLE GLAND FITTING
THREAD ADAPTER 1/2” NPT TO M16
ACCESSORIES - INCLUDED WITH F ENCLOSURE OPTION
PRODUCT DESCRIPTION
The multi point duct average temperature
thermostat incorporates several precision
thermistor temperature sensors and provides a
Form C relay output (NO/NC) with an adjustable
setpoint. The sensor is encapsulated in a 7.94 mm
(0.3125”) OD, soft copper probe and is available
in various lengths (see ordering chart). All probes
provide excellent heat transfer, fast response and
resistance to moisture penetration. A hinged and
gasketed Polycarbonate enclosure is included for
ease of installation.
TYPICAL INSTALLATION
For complete installation and wiring details,
please refer to the product installation
instructions.
The duct average probes are installed through
a hole in the side of the duct to monitor an
average temperature within the duct. Select
a probe length that allows for criss-crossing
the duct multiple times. Install the probes in a
straight section of duct at a suitable distance
downstream from any heating, cooling or
humidification elements.
The enclosure provides mounting tabs for ease
of installation.
POWER SUPPLY
12 to 28 Vac/dc
SENSOR ACCURACY
±0.2°C, 0 to 70°C (±0.36°F, 32 to 158°F)
PROBE SENSING RANGE
-20 to 60°C (-4 to 140°F)
PROBE MATERIAL
Soft copper
PROBE DIAMETER
7.94mm (0.3125”)
STANDARD LENGTHS
1800mm, 3600mm, 6100mm, 7300mm (6’, 12’, 20’, 24’)
WIRE MATERIAL
FT-6 plenum rated cable
CONSUMPTION
50 mA max
RELAY CONTACTS
SPDT, Form C contacts (N.O. and N.C.)
5 Amps @ 30 Vdc/250 Vac resistive
1.5 Amps @ 30 Vdc/250 vac inductive
RELAY ACTION
Activates on temperature fall
SETPOINT OPERATION
Single-turn knob-pot on PCB
ADJUSTABLE SETPOINT
4 to 10°C (25 to 50°F)
SETPOINT TEMPERATURE
Low: 1.1°C (2°F) Mid: 2.8°C (5°F) High: 5.6°C (10°F)
Jumper selectable
TEMPERATURE SENSOR
10,000Ω curve matched precision thermistor
SENSOR ACCURACY
±0.2°C, 0 to 70°C (±0.36°F, 32 to158°F)
AMBIENT OPERATING RANGE
-10 to 50°C (14 to 122°F), 5 to 95 %RH, non-condensing
STORAGE CONDITIONS
-30 to 70°C (-22 to 158°F), 5 to 95 %RH, non-condensing
WIRING CONNECTIONS
Screw terminal block (14 to 22 AWG)
ENCLOSURE
B: Grey polycarbonate UL94-V0, IP65 (NEMA 4X)
F: Same as B with thread adapter (1/2” NPT to M16) and cable gland fitting
COUNTRY OF ORIGIN
Canada
SPECIFICATIONS
112.5 mm
4.43"
99.7 mm
3.93"
Various Probe Lengths
See Specifications
116.5 mm
4.58"
0.5" NPT
Foam Gasket
Soft Copper
53.7 mm
2.11"
7.94 mm
0.312"


Similar Part No. - TLDC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TLD-D-2005 ETC2-TLD-D-2005 Datasheet
149Kb / 2P
4D Programming cable
logo
TRIAD MAGNETICS
TLD1020-12 TRIAD-TLD1020-12 Datasheet
83Kb / 1P
Switch Mode Power Supplies Encapsulated Constant Voltage
TLD1020-24 TRIAD-TLD1020-24 Datasheet
83Kb / 1P
Switch Mode Power Supplies Encapsulated Constant Voltage
TLD1020-24-C0350 TRIAD-TLD1020-24-C0350 Datasheet
72Kb / 1P
Switch Mode Power Supplies Encapsulated Constant Current
TLD1020-24-C0350 TRIAD-TLD1020-24-C0350_13 Datasheet
83Kb / 1P
Switch Mode Power Supplies Encapsulated Constant Voltage
More results

Similar Description - TLDC

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
PS-TNDC GREYSTONE-PS-TNDC Datasheet
398Kb / 2P
FLEXIBLE COPPER NETWORK DUCT AVERAGE TEMPERATURE SENSOR
PS-TSDC GREYSTONE-PS-TSDC Datasheet
378Kb / 2P
FLEXIBLE COPPER DUCT AVERAGE TEMPERATURE SENSOR
THDC GREYSTONE-THDC Datasheet
397Kb / 2P
FLEXIBLE COPPER DUCT AVERAGE HIGH LIMIT THERMOSTAT
THDF GREYSTONE-THDF Datasheet
276Kb / 2P
FLEXIBLE CABLE DUCT AVERAGE HIGH LIMIT THERMOSTAT
THDR GREYSTONE-THDR Datasheet
267Kb / 2P
RIGID DUCT AVERAGE HIGH LIMIT THERMOSTAT
TLAP GREYSTONE-TLAP Datasheet
440Kb / 2P
ALL PURPOSE DUCT/IMMERSION LOW LIMIT THERMOSTAT
TLDF GREYSTONE-TLDF Datasheet
276Kb / 2P
FLEXIBLE CABLE DUCT AVERAGE HIGH LIMIT THERMOSTAT
TLDR GREYSTONE-TLDR Datasheet
277Kb / 2P
RIGID DUCT AVERAGE LOW LIMIT THERMOSTAT
TNDC GREYSTONE-TNDC Datasheet
398Kb / 2P
FLEXIBLE COPPER NETWORK DUCT AVERAGE TEMPERATURE SENSOR
TXDC GREYSTONE-TXDC Datasheet
383Kb / 2P
FLEXIBLE COPPER DUCT AVERAGE TEMPERATURE TRANSMITTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com