Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLDF Datasheet(PDF) 1 Page - Greystone Energy Systems Inc.

Part # TLDF
Description  FLEXIBLE CABLE DUCT AVERAGE HIGH LIMIT THERMOSTAT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

TLDF Datasheet(HTML) 1 Page - Greystone Energy Systems Inc.

  TLDF Datasheet HTML 1Page - Greystone Energy Systems Inc. TLDF Datasheet HTML 2Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GREYSTONE HAS AN ISO 9001 REGISTERED QUALITY SYSTEM
FLEXIBLE CABLE DUCT AVERAGE HIGH LIMIT THERMOSTAT
TLDF SERIES
CABLE GLAND FITTING
THREAD ADAPTER 1/2” NPT TO M16
ACCESSORIES - INCLUDED WITH F ENCLOSURE OPTION
PRODUCT DESCRIPTION
The flexible, multi-point duct averaging low
limit thermostat incorporates several precision
thermistor temperature sensors and provides a
Form C relay output (NO/NC) with an adjustable
setpoint. The probe is FT-6 plenum rated cable
and is available in various lengths (see ordering
chart). All probes are constructed to provide
excellent heat transfer and a fast response. A
hinged and gasketed Polycarbonate enclosure is
provided for ease of installation.
TYPICAL INSTALLATION
For complete installation and wiring details,
please refer to the product installation
instructions.
The flex-duct average probes are installed
through a hole in the side of the duct to monitor
an average temperature within the duct. Select
a probe length that allows for criss-crossing
the duct multiple times. Install the probes in a
straight section of duct at a suitable distance
downstream from any heating, cooling, or
humidification devices. The cable probe needs
to be fastened onto hangers using tube
clamps or wire ties and should be secured
every 100 cm or 3’ maximum to prevent
movement of the wire and prevent wear.
If sensor is to be used in high velocity or
vibration environment use of rigid style duct
probe is recommended.
The enclosure provides mounting tabs for ease
of installation.
POWER SUPPLY
12 to 28 Vac/dc
SENSOR ACCURACY
±0.2°C, 0 to 70°C (±0.36°F, 32 to 158°F)
PROBE SENSING RANGE
-20 to 60°C (-4 to 140°F)
PROBE MATERIAL
FT-6 plenum rated cable, 22 AWG
STANDARD LENGTHS
1800mm, 3600mm, 6100mm, 7300mm (6’, 12’, 20’, 24’)
CONSUMPTION
50 mA max
RELAY CONTACTS
SPDT, Form C contacts (N.O. and N.C.)
5 Amps @ 30 Vdc/250 Vac resistive
1.5 Amps @ 30 Vdc/250 vac inductive
RELAY ACTION
Activates on temperature fall
SETPOINT OPERATION
Single-turn knob-pot on PCB
ADJUSTABLE SETPOINT
-4 to 10°C (25 to 50°F)
SETPOINT TEMPERATURE
Low: 1.1°C (2°F) Mid: 2.8°C (5°F) High: 5.6°C (10°F)
Jumper selectable
TEMPERATURE SENSOR
10,000Ω curve matched precision thermistor
AMBIENT OPERATING RANGE
-40 to 50°C (40 to 122°F), 5 to 95 %RH, non-condensing
STORAGE CONDITIONS
-30 to 70°C (-22 to 158°F), 5 to 95 %RH, non-condensing
WIRING CONNECTIONS
Screw terminal block (14 to 22 AWG)
ENCLOSURE
B: Grey polycarbonate UL94-V0, IP65 (NEMA 4X)
F: Same as B with thread adapter (1/2” NPT to M16) and cable gland fitting
COUNTRY OF ORIGIN
Canada
SPECIFICATIONS
112.5 mm
4.43"
99.7 mm
3.93"
Foam Gasket
Various Probe Lengths
See Specifications
304 Series S/S Probe
FT-6 Plenum Rated Cable
116.5 mm
4.58”
0.5" NPT
53.7 mm
2.11"


Similar Part No. - TLDF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TLD-D-2005 ETC2-TLD-D-2005 Datasheet
149Kb / 2P
4D Programming cable
logo
TRIAD MAGNETICS
TLD1020-12 TRIAD-TLD1020-12 Datasheet
83Kb / 1P
Switch Mode Power Supplies Encapsulated Constant Voltage
TLD1020-24 TRIAD-TLD1020-24 Datasheet
83Kb / 1P
Switch Mode Power Supplies Encapsulated Constant Voltage
TLD1020-24-C0350 TRIAD-TLD1020-24-C0350 Datasheet
72Kb / 1P
Switch Mode Power Supplies Encapsulated Constant Current
TLD1020-24-C0350 TRIAD-TLD1020-24-C0350_13 Datasheet
83Kb / 1P
Switch Mode Power Supplies Encapsulated Constant Voltage
More results

Similar Description - TLDF

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
PS-HATDDF GREYSTONE-PS-HATDDF Datasheet
281Kb / 2P
HIGH ACCURACY FLEXIBLE CABLE DUCT AVERAGE TEMPERATURE TRANSMITTER WITH LCD
PS-HATSDF GREYSTONE-PS-HATSDF Datasheet
431Kb / 2P
HIGH ACCURACY FLEXIBLE CABLE DUCT AVERAGE TEMPERATURE SENSOR
PS-TSDF GREYSTONE-PS-TSDF Datasheet
431Kb / 2P
FLEXIBLE CABLE DUCT AVERAGE TEMPERATURE SENSOR
TDDF GREYSTONE-TDDF Datasheet
204Kb / 2P
FLEXIBLE CABLE DUCT AVERAGE TEMPERATURE TRANSMITTER WITH LCD
THDC GREYSTONE-THDC Datasheet
397Kb / 2P
FLEXIBLE COPPER DUCT AVERAGE HIGH LIMIT THERMOSTAT
THDF GREYSTONE-THDF Datasheet
276Kb / 2P
FLEXIBLE CABLE DUCT AVERAGE HIGH LIMIT THERMOSTAT
THDR GREYSTONE-THDR Datasheet
267Kb / 2P
RIGID DUCT AVERAGE HIGH LIMIT THERMOSTAT
TLAP GREYSTONE-TLAP Datasheet
440Kb / 2P
ALL PURPOSE DUCT/IMMERSION LOW LIMIT THERMOSTAT
TLDC GREYSTONE-TLDC Datasheet
397Kb / 2P
FLEXIBLE COPPER DUCT AVERAGE LOW LIMIT THERMOSTAT
TLDR GREYSTONE-TLDR Datasheet
277Kb / 2P
RIGID DUCT AVERAGE LOW LIMIT THERMOSTAT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com