Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTOS Datasheet(PDF) 1 Page - Greystone Energy Systems Inc.

Part # HTOS
Description  OUTSIDE HUMIDITY/TEMPERATURE TRANSMITTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

HTOS Datasheet(HTML) 1 Page - Greystone Energy Systems Inc.

  HTOS Datasheet HTML 1Page - Greystone Energy Systems Inc. HTOS Datasheet HTML 2Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GREYSTONE HAS AN ISO 9001 REGISTERED QUALITY SYSTEM
OUTSIDE HUMIDITY/TEMPERATURE TRANSMITTER
HTOS SERIES
PRODUCT DESCRIPTION
The HTOS series uses a highly accurate and
reliable Thermoset Polymer based capacitance
humidity sensor and Platinum RTD temperature
sensor together with state-of-the-art digital
linearization and temperature compensated
circuitry to monitor humidity levels. A hinged,
gasketed weatherproof Polycarbonate enclosure
provides easy of installation and protection from
the elements.
TYPICAL INSTALLATION
For complete installation and wiring details,
please refer to the product installation
instructions.
The HTOS should be mounted on an outside
North facing wall, under the eaves which will
provide protection from direct sunlight and wind.
The HTOS can be mounted directly to buildings
wall face using the four provided mounting holes.
There is a 0.85” hole for conduit connection on
rear of enclosure.
HUMIDITY SENSOR TYPE
Thermoset polymer based capacitive
TEMPERATURE SENSOR TYPE
1000Ω Platinum, IEC 751, 385 Alpha, thin film
HUMIDITY SENSOR ACCURACY
±2, 3, or 5 %RH (5 to 95 %RH)
TEMPERATURE SENSOR ACCURACY
±0.1% of span
SENSOR RESPONSE TIME
15 seconds typical
MEASUREMENT RANGE
0 to 100 %RH
HYSTERESIS
±1.5 %RH maximum
REPEATABILITY
±0.5 %RH typical
LINEARITY
±0.5 %RH typical
OPERATING TEMPERATURE
-40 to 50°C (-40 to 122°F)
OPERATING HUMIDITY
0 to 95 %RH non-condensing
POWER SUPPLY
18 to 35 Vdc, 15 to 26 Vac
CONSUMPTION
22 mA maximum
INPUT VOLTAGE EFFECT
Negligible over specified operating range
PROTECTION CIRCUITRY
Reverse voltage protected and output limited
OUTPUT SIGNAL
4-20 mA current loop, 0-5 Vdc or 0-10 Vdc (factory configured)
OUTPUT DRIVE @ 24 VDC
Current: 550Ω max
Voltage: 10,000Ω min
INTERNAL ADJUSTMENTS
Clearly marked ZERO and SPAN pots
ENCLOSURE
B: Grey Polycarbonate, UL94-V0, IP65 (NEMA 4X)
TERMINATION
Screw terminal block (14 to 22 AWG)
COUNTRY OF ORIGIN
Canada
SPECIFICATIONS
112.5 mm
4.43"
99.7 mm
3.925"
25.4 mm
1.00"
25.4 mm
1.00"
116.5 mm
4.585"
0.5" NPT
53.7 mm
2.115"
OSA Humidity
Sensor
North


Similar Part No. - HTOS

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
HTOB GREYSTONE-HTOB Datasheet
216Kb / 2P
OUTSIDE HUMIDITY/TEMPERATURE TRANSMITTER
logo
Honeywell Solid State E...
HTOP01 HONEYWELL-HTOP01 Datasheet
209Kb / 6P
High Temperature Dual Precision Operational Amplifier
logo
NXP Semiconductors
HTOT840 PHILIPS-HTOT840 Datasheet
72Kb / 8P
HITAGTM Antenna Tuning Device
November 1996 Revision1.1
logo
Inolux Corporation
HTOV411040UB INOLUX-HTOV411040UB Datasheet
609Kb / 10P
4mm Oval Lamp
HTOV411040UR INOLUX-HTOV411040UR Datasheet
609Kb / 10P
4mm Oval Lamp
More results

Similar Description - HTOS

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
PS-HAHTOB GREYSTONE-PS-HAHTOB Datasheet
237Kb / 2P
HIGH ACCURACY OUTSIDE HUMIDITY/TEMPERATURE TRANSMITTER
PS-HAHTOS GREYSTONE-PS-HAHTOS Datasheet
238Kb / 2P
HIGH ACCURACY OUTSIDE HUMIDITY/TEMPERATURE TRANSMITTER
PS-HNOB GREYSTONE-PS-HNOB Datasheet
371Kb / 2P
NETWORK OUTSIDE HUMIDITY/TEMPERATURE SENSOR
HNOB GREYSTONE-HNOB Datasheet
371Kb / 2P
NETWORK OUTSIDE HUMIDITY/TEMPERATURE SENSOR
HNOS GREYSTONE-HNOS Datasheet
353Kb / 2P
NETWORK OUTSIDE HUMIDITY/TEMPERATURE SENSOR
HSOB GREYSTONE-HSOB Datasheet
260Kb / 2P
OUTSIDE HUMIDITY TRANSMITTER
HSOS GREYSTONE-HSOS Datasheet
246Kb / 2P
OUTSIDE HUMIDITY TRANSMITTER
HTOB GREYSTONE-HTOB Datasheet
216Kb / 2P
OUTSIDE HUMIDITY/TEMPERATURE TRANSMITTER
TXOB GREYSTONE-TXOB Datasheet
233Kb / 2P
OUTSIDE TEMPERATURE TRANSMITTER
06/20
TXOS GREYSTONE-TXOS Datasheet
244Kb / 2P
OUTSIDE TEMPERATURE TRANSMITTER
06/20
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com