Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSPC Datasheet(PDF) 2 Page - Greystone Energy Systems Inc.

Part # TSPC
Description  ROOM TEMPERATURE SENSOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

TSPC Datasheet(HTML) 2 Page - Greystone Energy Systems Inc.

  TSPC Datasheet HTML 1Page - Greystone Energy Systems Inc. TSPC Datasheet HTML 2Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PRINTED IN CANADA
Copyright © Greystone Energy Systems Inc. All Rights Reserved
www.greystoneenergy.com
PS-TSPCXXX-03
Greystone Energy Systems, Inc.
150 English Drive, Moncton,
New Brunswick, Canada E1E 4G7
Ph: +1 (506) 853-3057 Fax: +1 (506) 853-6014
North America: 1-800-561-5611
E-mail: mail@greystoneenergy.com
PRODUCT
TSPC
Room Temperature Sensor
SENSOR
2
5
6
7
8
12
13
14
20
24
59
100 Ω Platinum, IEC 751, 385 Alpha, thin film
1801 Ω NTC Thermistor, ±0.2°C
3000 Ω NTC Thermistor, ±0.2°C
10,000 Ω Type 3, NTC Thermistor, ±0.2°C
2.252K Ω NTC Thermistor, ±0.2°C
1000 Ω Platinum, IEC 751, 385 Alpha, thin film
1000 Ω Nickel, Class B, DIN 43760
10,000 Ω Type 3, NTC Thermistor, ±0.2°C c/w 11K shunt resistor
20,000 Ω NTC Thermistor, ±0.2°C
10,000 Ω Type 2, NTC Thermistor, ±0.2°C
10,000 Ω, 25°C, ±1%, B = 3435 ±1% (25/85)
RESISTANCE OUTPUT
(RANGE 16-26°C IN 0.5°C INCREMENTS OR 60-80°F IN
1°F INCREMENTS)
P
P1
P2
P3
P4
P5
P6
0-10,000 Ω linear
20,00 - 30,000 Ω
2000 - 3000 Ω
0 - 20,000 Ω
4000 - 2000 Ω
0 - 2000 Ω
8000.7 - 3107.3 Ω
OPTIONS (MULTIPLE SELECTIONS CAN BE MADE)
E
S
F
4 pin molex external jack for communications
Exposed override switch with LCD indication option (OCC)
5 position fan switch Off/Auto/Low/Med/High
ORDERING
TSPC
PART NUMBER
NOTE: Greystone Energy Systems, Inc. reserves the right to make design modifications without prior notice.
WIRING INFORMATION
TERMINAL
FUNCTION
SWITCH
Digital Output
SENSOR
Resistance Output
PWR
Supply Voltage
COM
Common
SETPNT
Resistance Output
OCC IN
Digital Input
FAN
Resistance Output
POWER
COMMON
SETPOINT
OCC IN
FAN +
FAN -
SWITCH -
SWITCH +
SENSOR +
SENSOR -
DOWN
LCD ADJ
4
3
2
1
1 2 3 4
0001280
Rev.1
MENU
UP
OVERRIDE
F
C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com