Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSPC Datasheet(PDF) 1 Page - Greystone Energy Systems Inc.

Part # TSPC
Description  ROOM TEMPERATURE SENSOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

TSPC Datasheet(HTML) 1 Page - Greystone Energy Systems Inc.

  TSPC Datasheet HTML 1Page - Greystone Energy Systems Inc. TSPC Datasheet HTML 2Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GREYSTONE HAS AN ISO 9001 REGISTERED QUALITY SYSTEM
ROOM TEMPERATURE SENSOR
TSPC SERIES
PRODUCT DESCRIPTION
The TSPC room temperature sensor with resistive
setpoint control is available in an attractive wall
mount enclosure and can be configured with various
options. It is available with various curve-matched
thermistors or RTD sensors to measure temperature.
A back-lit LCD displays room temperature, setpoint
on demand and occupancy. Several operating
parameters can be programmed using a keypad
and on-board jumpers configure the ˚C/°F display or
disable the backlight.
Available options include a dry-contact override
switch, a five position fan speed switch and a jack for
a network connection.
TYPICAL INSTALLATION
For complete installation and wiring details,
please refer to the product installation
instructions.
The TSPC series can be mounted directly to a single
gang electrical box or directly to a wall. Insulating
foam is adhered to the back of the enclosure
to provide a thermal barrier from internal wall
temperatures.
A terminal block connection is provided for
connection to the Building Automation System. There
are several wiring configurations depending on the
options selected.
TEMPERATURE SENSOR
Thermistor or RTD (see ordering chart)
SENSOR ACCURACY
Thermistors: ±0.2°C (±0.36°F) @ 25°C (77°F)
Platinum RTD’s: ±0.3°C (±0.54°F) @ 0°C (32°F)
Nickel RTD’s: ±0.4°C (±0.72°F) @ 0°C (32°F)
SETPOINT ADJUSTMENT
Range: Up/Down pushbuttons for ±10 resistive steps
Signal: Several resistance ranges available
Midpoint: Programmable, 20 to23°C or 68 to 73°F
LCD Increment: Setpoint step size is 0.5/1.0°C or 1.0/2.0°F
Action: Programmable, direct or reverse acting
LCD DISPLAY
Range: 0.0 - 35.0°C or 32.0 - 95.0°F selectable via jumper
Display Resolution: 0.5°C/°F
Display Size: 38.1mm W x 16.5mm H (1.5” x 0.65”)
Digit Height: 11.43mm (0.45”)
Symbols: °C, °F, OCC
Backlight: Enable or disable via menu
OPTIONAL OVERRIDE SWITCH (S)
Momentary Pushbutton: N.O., SPST, 50 mA @ 12 Vdc
OCCUPIED INPUT
Signal Type: Digital input, 0-5 Vdc standard, active low
Action: Causes “OCC” segment to light on LCD
OPTIONAL FAN SPEED SWITCH
Range: 5 position - Off, Auto, Low, Medium, High
Signal: Resistive - 0, 2, 4, 6, 8 KΩ
Type: Side mounted, 5 position slide switch
OPTIONAL COMMUNICATION JACK (E)
4 PIN: 4 pin header. Requires HHTA - Hand Held Adapter
POWER SUPPLY
24 Vac / dc ±10%
CONSUMPTION
20 mA max
INPUT VOLTAGE EFFECT
Negligible over specified operating range
RFI REJECTION
Good RFI rejection
PROTECTION CIRCUITRY
Reverse voltage protected
AMBIENT OPERATING RANGE
0 to 50°C (32 to 122°F), 5 to 95 %RH non-condensing
ENCLOSURE
White ABS, IP30 (NEMA 1)
84mm W x 119mm H x 29mm D (3.3” x 4.7” x 1.15”)
WIRING CONNECTIONS
Terminal block (14 to 22 AWG)
COUNTRY OF ORIGIN
Canada
SPECIFICATIONS
58mm
2.3”
82.6mm
3.25”
29mm
1.15”
119mm
4.7”
84mm
3.3”


Similar Part No. - TSPC

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TSPC TRACOPOWER-TSPC Datasheet
715Kb / 9P
Industrial Power Supplies TSPC Series, 50–480 Watt
Rev. February 28, 2023
TSPC-080 TRACOPOWER-TSPC-080 Datasheet
381Kb / 1P
Wall Mounting Kit TSP-WMK03
Rev. November 30, 2022
TSPC-120TSPC-240 TRACOPOWER-TSPC-120TSPC-240 Datasheet
381Kb / 1P
Wall Mounting Kit TSP-WMK03
Rev. November 30, 2022
TSPC-DCM TRACOPOWER-TSPC-DCM Datasheet
393Kb / 2P
Industrial Decoupling Module TSPC-DCM Module: 600 Watt
Rev. October 28, 2021
TSPC-DCM-600 TRACOPOWER-TSPC-DCM-600 Datasheet
381Kb / 1P
Wall Mounting Kit TSP-WMK03
Rev. November 30, 2022
More results

Similar Description - TSPC

ManufacturerPart #DatasheetDescription
logo
BELIMO AIRCONTROLS (USA...
01RT-5B-0 BELIMO-01RT-5B-0 Datasheet
469Kb / 3P
Room Sensor Temperature
22RT-59-1 BELIMO-22RT-59-1 Datasheet
609Kb / 4P
Room Sensor Temperature
22RTH-59-1 BELIMO-22RTH-59-1 Datasheet
611Kb / 5P
Room Sensor Humidity / Temperature
22RTM-59-1 BELIMO-22RTM-59-1 Datasheet
612Kb / 5P
Room Sensor CO??/ Humidity / Temperature
P-01RT-5B-0 BELIMO-P-01RT-5B-0 Datasheet
582Kb / 4P
Room Sensor Temperature
logo
Greystone Energy System...
PS-HATSPC GREYSTONE-PS-HATSPC Datasheet
204Kb / 2P
HIGH ACCURACY ROOM TEMPERATURE SENSOR
PS-TE200A GREYSTONE-PS-TE200A Datasheet
136Kb / 1P
MICRO ROOM TEMPERATURE SENSOR
PS-TE200AD GREYSTONE-PS-TE200AD Datasheet
186Kb / 1P
DESIGNER ROOM TEMPERATURE SENSOR
TSRC GREYSTONE-TSRC Datasheet
196Kb / 2P
ROOM TEMPERATURE SENSOR
logo
E+E Elektronik Ges.m.b....
TES201 EPLUSE-TES201 Datasheet
965Kb / 8P
Room Sensor for Temperature
10-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com