Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSRP Datasheet(PDF) 1 Page - Greystone Energy Systems Inc.

Part # TSRP
Description  REMOTE PROBE STRAP-ON TEMPERATURE SENSOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

TSRP Datasheet(HTML) 1 Page - Greystone Energy Systems Inc.

  TSRP Datasheet HTML 1Page - Greystone Energy Systems Inc. TSRP Datasheet HTML 2Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GREYSTONE HAS AN ISO 9001 REGISTERED QUALITY SYSTEM
REMOTE PROBE STRAP-ON TEMPERATURE SENSOR
TSRP SERIES
CABLE GLAND FITTING
THREAD ADAPTER 1/2” NPT TO M16
ACCESSORIES - INCLUDED WITH E ENCLOSURE OPTION
PRODUCT DESCRIPTION
The single point remote probe strap-on temperature
sensor utilizes a precision sensor encapsulated in
a 6mm (0.236”) OD, 304 series stainless steel probe
and is available in various lengths. Standard wire
length is 1.5m (5’). All probes are constructed to
provide excellent heat transfer, fast response and are
potted to resist moisture penetration.
TYPICAL INSTALLATION
For complete installation and wiring details,
please refer to the product installation
instructions.
For best results, thermal conductive compound
should be applied to pipe prior to mounting the
probe.
Find a suitable location along the pipe where both
the probe and remote enclosure can be mounted.
If necessary, remove a section of insulation from
the pipe. Position the probe directly on the pipe
and secure using a pipe clamp. For added security,
make 1 to 3 loops of the sensor cable around the
pipe and feed through wire hole on the enclosure
and secure using the supplied grommet. If
applicable, the pipe insulation can be re-applied to
the pipe over the probe.
SENSOR TYPE
Thermistor or RTD (see ordering chart)
SENSOR ACCURACY
Thermistors: ±0.2°C (±0.36°F) @ 25°C (77°F)
Platinum RTD’s: ±0.3°C (±0.54°F) @ 0°C (32°F)
Nickel RTD’s: ±0.4°C (±0.72°F) @ 0°C (32°F)
PROBE SENSING RANGE
-40 to 100°C (-40 to 212°F)
AMBIENT OPERATING RANGE
0 to 50°C (32 to 122°F), 5 to 95 %RH non-condensing
WIRE MATERIAL
PVC insulated, parallel bonded, 22 AWG
WIRE LENGTH
1.524m (5’)
PROBE MATERIAL
304 series stainless steel
PROBE DIAMETER
6mm (0.236”)
ENCLOSURE
A: ABS, UL94-V0, IP65 (NEMA 4X)
C: same as A, with a terminal block
E: Same as C, with thread adapter and cable gland fitting
TERMINATION
A: Pigtail, 2 or 3 wire
C & E: Terminal block, 2 or 3 wire
COUNTRY OF ORIGIN
Canada
SPECIFICATIONS
82.5 mm
3.25"
69.8 mm
2.75"
0.5” NPT
76.2 mm
3.00"
52.0 mm
2.05"
1.524 m
5.00’
6.0 mm
0.236"
Various Probe Lengths
See Ordering Chart
22 AWG, PVC Insulation 304 Series S/S Probe


Similar Part No. - TSRP

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TSR-065 SUNTAN-TSR-065 Datasheet
1Mb / 2P
Trimming Potentiometer - TSR-065
TSR-065 SUNTAN-TSR-065_17 Datasheet
1Mb / 2P
Trimming Potentiometer ??TSR-065
TSR-105H SUNTAN-TSR-105H Datasheet
486Kb / 2P
Trimming Potentiometer - TSR-105H
TSR-105H SUNTAN-TSR-105H_17 Datasheet
517Kb / 2P
Trimming Potentiometer ??TSR-105H
logo
FOTEK CONTROLS CO., LTD...
TSR-10AA-H-R FOTEK-TSR-10AA-H-R Datasheet
2Mb / 5P
Solid State Module
More results

Similar Description - TSRP

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
PS-HATDRP GREYSTONE-PS-HATDRP Datasheet
299Kb / 2P
HIGH ACCURACY REMOTE PROBE STRAP-ON TEMPERATURE TRANSMITTER WITH LCD
PS-HATSRP GREYSTONE-PS-HATSRP Datasheet
319Kb / 2P
HIGH ACCURACY REMOTE PROBE STRAP-ON TEMPERATURE SENSOR
PS-HATXRP GREYSTONE-PS-HATXRP Datasheet
310Kb / 2P
HIGH ACCURACY REMOTE PROBE STRAP-ON TEMPERATURE TRANSMITTER
PS-TNRP GREYSTONE-PS-TNRP Datasheet
306Kb / 2P
REMOTE PROBE STRAP-ON NETWORK TEMPERATURE SENSOR
TDRP GREYSTONE-TDRP Datasheet
223Kb / 2P
REMOTE PROBE STRAP-ON TEMPERATURE TRANSMITTER WITH LCD
THRP GREYSTONE-THRP Datasheet
270Kb / 2P
REMOTE PROBE STRAP-ON HIGH LIMIT THERMOSTAT
TLRP GREYSTONE-TLRP Datasheet
269Kb / 2P
REMOTE PROBE STRAP-ON LOW LIMIT THERMOSTAT
TNRP GREYSTONE-TNRP Datasheet
306Kb / 2P
REMOTE PROBE STRAP-ON NETWORK TEMPERATURE SENSOR
TSSO GREYSTONE-TSSO Datasheet
297Kb / 2P
STRAP-ON TEMPERATURE SENSOR
TXRP GREYSTONE-TXRP Datasheet
271Kb / 2P
REMOTE PROBE STRAP-ON TEMPERATURE TRANSMITTER
06/20
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com