Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSMN3R3-40MLH Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # PSMN3R3-40MLH
Description  N-channel 40 V, 3.3 mΩ, logic level MOSFET in LFPAK33 using NextPower-S3 technology
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PSMN3R3-40MLH Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button PSMN3R3-40MLH Datasheet HTML 3Page - Nexperia B.V. All rights reserved PSMN3R3-40MLH Datasheet HTML 4Page - Nexperia B.V. All rights reserved PSMN3R3-40MLH Datasheet HTML 5Page - Nexperia B.V. All rights reserved PSMN3R3-40MLH Datasheet HTML 6Page - Nexperia B.V. All rights reserved PSMN3R3-40MLH Datasheet HTML 7Page - Nexperia B.V. All rights reserved PSMN3R3-40MLH Datasheet HTML 8Page - Nexperia B.V. All rights reserved PSMN3R3-40MLH Datasheet HTML 9Page - Nexperia B.V. All rights reserved PSMN3R3-40MLH Datasheet HTML 10Page - Nexperia B.V. All rights reserved PSMN3R3-40MLH Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Nexperia
PSMN3R3-40MLH
N-channel 40 V, 3.3 mΩ, logic level MOSFET in LFPAK33 using NextPower-S3 technology
aaa-030384
-60
-30
0
30
60
90
120 150 180
0
0.4
0.8
1.2
1.6
2
2.4
Tj (°C)
aa
Fig. 11. Normalized drain-source on-state resistance
factor as a function of junction temperature
aaa-030480
0
10
20
30
40
50
0
2
4
6
8
10
QG (nC)
VGS
VGS
(V)
(V)
20 V
20 V
VDS = 8 V
VDS = 8 V
32 V
32 V
Tj = 25 °C; ID = 25 A
Fig. 12. Gate-source voltage as a function of gate
charge; typical values
003aaa508
VGS
VGS(th)
QGS1
QGS2
QGD
VDS
QG(tot)
ID
QGS
VGS(pl)
Fig. 13. Gate charge waveform definitions
aaa-030542
10-1
1
10
102
10
102
103
104
VDS (V)
C
C
(pF)
(pF)
Ciss
Ciss
Coss
Coss
Crss
Crss
VGS = 0 V; f = 1 MHz
Fig. 14. Input, output and reverse transfer capacitances
as a function of drain-source voltage; typical
values
PSMN3R3-40MLH
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2019. All rights reserved
Product data sheet
11 November 2019
7 / 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com