Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSMN3R3-40MLH Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # PSMN3R3-40MLH
Description  N-channel 40 V, 3.3 mΩ, logic level MOSFET in LFPAK33 using NextPower-S3 technology
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PSMN3R3-40MLH Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  PSMN3R3-40MLH Datasheet HTML 1Page - Nexperia B.V. All rights reserved PSMN3R3-40MLH Datasheet HTML 2Page - Nexperia B.V. All rights reserved PSMN3R3-40MLH Datasheet HTML 3Page - Nexperia B.V. All rights reserved PSMN3R3-40MLH Datasheet HTML 4Page - Nexperia B.V. All rights reserved PSMN3R3-40MLH Datasheet HTML 5Page - Nexperia B.V. All rights reserved PSMN3R3-40MLH Datasheet HTML 6Page - Nexperia B.V. All rights reserved PSMN3R3-40MLH Datasheet HTML 7Page - Nexperia B.V. All rights reserved PSMN3R3-40MLH Datasheet HTML 8Page - Nexperia B.V. All rights reserved PSMN3R3-40MLH Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Nexperia
PSMN3R3-40MLH
N-channel 40 V, 3.3 mΩ, logic level MOSFET in LFPAK33 using NextPower-S3 technology
5. Pinning information
Table 2. Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
S
source
2
S
source
3
S
source
4
G
gate
mb
D
Mounting base; connected
to drain
1
4
3
2
LFPAK33 (SOT1210)
S
D
G
mbb076
6. Ordering information
Table 3. Ordering information
Package
Type number
Name
Description
Version
PSMN3R3-40MLH
LFPAK33
Plastic, single ended surface mounted package (LFPAK33); 8
leads; 0.65 mm pitch
SOT1210
7. Marking
Table 4. Marking codes
Type number
Marking code
PSMN3R3-40MLH
3H3L40
8. Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage
25 °C ≤ Tj ≤ 175 °C
-
40
V
VDSM
peak drain-source
voltage
tp ≤ 20 ns; f ≤ 500 kHz; EDS(AL) ≤ 200 nJ;
pulsed
-
45
V
VDGR
drain-gate voltage
25 °C ≤ Tj ≤ 175 °C; RGS = 20 kΩ
-
40
V
VGS
gate-source voltage
-20
20
V
Ptot
total power dissipation
Tmb = 25 °C; Fig. 1
-
101
W
VGS = 10 V; Tmb = 25 °C; Fig. 2
[1]
-
118
A
ID
drain current
VGS = 10 V; Tmb = 100 °C
-
84
A
IDM
peak drain current
pulsed; tp ≤ 10 µs; Tmb = 25 °C; Fig. 3
-
475
A
Tstg
storage temperature
-55
175
°C
Tj
junction temperature
-55
175
°C
Tsld(M)
peak soldering
temperature
-
260
°C
Source-drain diode
IS
source current
Tmb = 25 °C
-
101
A
PSMN3R3-40MLH
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2019. All rights reserved
Product data sheet
11 November 2019
2 / 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com