Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS520 Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # SS520
Description  Dual Hall-effect Digital Position Sensors with speed & direction outputs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SS520 Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  SS520 Datasheet HTML 1Page - Honeywell Solid State Electronics Center SS520 Datasheet HTML 2Page - Honeywell Solid State Electronics Center SS520 Datasheet HTML 3Page - Honeywell Solid State Electronics Center SS520 Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SS520 Series Dual Hall-effect Digital Position
Sensors with speed & direction outputs
Sensing and Control
Series SS520
G
GE
EN
NE
ER
RA
AL
L D
DE
ES
SC
CR
RIIP
PT
TIIO
ON
N
The Speed & Direction Hall-effect sensor has two distinct Hall sensing elements
precisely located 1.4 mm apart on a single integrated circuit chip, which is then
encapsulated in a thermoset molding material. Two active Hall latches provide
indication of the speed and direction of a magnetic gradient across the face of
the package, such as the gradient from a rotating ring magnet. The small, 4-pin
SOT89 style package surface mounts on PC boards and flexible circuits.
Built-in temperature compensation is optimized to match the temperature coeffi-
cient of low cost magnets and track their performance over temperature.
Latching magnetics are standard for reliable operation.
A novel regulator circuit provides extremely stable operation with supply volt-
ages as low as 3.4 Vdc and as high as 24 Vdc. A typical room temperature cur-
rent consumption of 7.5 mA helps conserve power in battery operation. SS520
series sensors can use existing power supply sources in most applications, and
can be directly interfaced with many electronic components without buffering or
compensation circuitry.
F
FE
EA
AT
TU
UR
RE
ES
S
l Single miniature plastic package
includes two separate Hall sen-
sors
l Frequency signal for speed out-
put
l Logic level (High or Low) signal
for direction output
l Temperature compensated mag-
netics
l Functionality of two discrete Hall
sensors and logic circuitry out-
puts
l Symmetry of operate/release
points about zero gauss
(bipolar/latching)
l Low current consumption
l Wide operating voltage range
T
TY
YP
PIIC
CA
AL
L A
AP
PP
PL
LIIC
CA
AT
TIIO
ON
NS
S
l Anti-pinch electric motor control
systems for power windows, power
seats (headrest), power sliding
doors, sunroofs, garage door open-
ers.
l Magnetic encoding for electronic
steering systems
l Motion control sytems for pulleys
and belts
l Position and velocity detection
l Fan control
l Rotating shaft monitoring
l Linear displacement sensing (using
a magnetic strip of alternating
poles)
C
CA
AU
UT
TIIO
ON
N
W
WA
AV
VE
E S
SO
OL
LD
DE
ER
R D
DA
AM
MA
AG
GE
E
DO NOT wave solder this product.
Wave soldering may negatively affect the sensor performance and reliability.
Subjecting the sensor to wave soldering will void Honeywell’s warranty.
F
Fa
aiillu
urre
e tto
o c
co
om
mp
plly
y w
wiitth
h tth
he
es
se
e iin
ns
sttrru
uc
cttiio
on
ns
s m
ma
ay
y rre
es
su
ulltt iin
n p
prro
od
du
uc
ctt d
da
am
ma
ag
ge
e..
N
NO
OT
TIIC
CE
E
Interruption of power to a latching device may cause the output to change
state when power is restored. If a magnetic field of sufficient strength is pres-
ent, the sensor output will be in the condition dictated by the magnetic field.


Similar Part No. - SS520

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SS520 LUGUANG-SS520 Datasheet
395Kb / 2P
Surface Mount Schottky Barrier Rectifiers
logo
Gaomi Xinghe Electronic...
SS520 GXELECTRONICS-SS520 Datasheet
360Kb / 2P
SCHOTTKY BARRIER RECTIFLER
logo
Microdiode Semiconducto...
SS520 CHENDA-SS520 Datasheet
360Kb / 2P
SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 5.0Amperes
logo
First Components Intern...
SS520 FCI-SS520 Datasheet
71Kb / 2P
500 mA SURFACE MOUNT SCHOTTKY BARRIER RECTIFERS
logo
Formosa MS
SS520 FORMOSA-SS520 Datasheet
120Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SS520

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3422 ALLEGRO-3422 Datasheet
575Kb / 10P
HALL-EFFECT, DIRECTION-DETECTION SENSORS
logo
Micronas
HAL700 MICRONAS-HAL700_1 Datasheet
1Mb / 22P
Dual Hall-Effect Sensors with Independent Outputs
HAL710 MICRONAS-HAL710_1 Datasheet
1,023Kb / 19P
Hall-Effect Sensors with Direction Detection
HAL710 MICRONAS-HAL710_2 Datasheet
168Kb / 2P
Hall-Effect Sensors with Direction Detection
logo
Honeywell Solid State E...
SS340RT HONEYWELL-SS340RT Datasheet
442Kb / 4P
Unipolar Hall-Effect Digital Position Sensors
SS351AT HONEYWELL-SS351AT Datasheet
433Kb / 4P
Omnipolar Hall-effect Digital Position Sensors
VF526DT HONEYWELL-VF526DT Datasheet
252Kb / 4P
Bipolar Latch, Dual Hall-effect Digital Position Sensor with Speer and Direction Outputs
logo
Honeywell Accelerometer...
SS551AT HONEYWELL-ACC-SS551AT Datasheet
432Kb / 4P
Omnipolar Hall-effect Digital Position Sensors
logo
Melexis Microelectronic...
MLX92251 MELEXIS-MLX92251 Datasheet
1Mb / 13P
Dual Hall Effect Latch with Speed & Direction
MLX92251LSE-AXA MELEXIS-MLX92251LSE-AXA Datasheet
1Mb / 13P
Dual Hall Effect Latch with Speed & Direction Detection
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com