Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS520 Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # SS520
Description  Dual Hall-effect Digital Position Sensors with speed & direction outputs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SS520 Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  SS520 Datasheet HTML 1Page - Honeywell Solid State Electronics Center SS520 Datasheet HTML 2Page - Honeywell Solid State Electronics Center SS520 Datasheet HTML 3Page - Honeywell Solid State Electronics Center SS520 Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Series SS520
P
Prro
od
du
uc
ctt L
Liis
sttiin
ng
g
SS526DT
P
Pa
ac
ck
ka
ag
ge
e Q
Qu
ua
an
nttiitty
y//T
Ty
yp
pe
e
Available in 1,000/Tape and Reel
P
Pa
ac
ck
ka
ag
ge
e S
Stty
ylle
e
SS5 Surface Mount
S
Su
up
pp
plly
y V
Vo
olltta
ag
ge
e
-0.5 Vdc to 30 Vdc
S
Su
up
pp
plly
y C
Cu
urrrre
en
ntt a
att 2
25
5 °°C
C
7.5 mA typ.
O
Ou
uttp
pu
utt T
Ty
yp
pe
e
Dual Sink (speed & direction)
O
Ou
uttp
pu
utt C
Cu
urrrre
en
ntt
5 mA max. each output
M
Ma
ag
gn
ne
ettiic
c A
Ac
cttu
ua
attiio
on
n T
Ty
yp
pe
e
Bipolar Latch
O
Op
pe
erra
atte
e P
Po
oiin
ntt a
att 2
25
5 °°C
C
130 Gauss [13.0 mT] typ.
R
Re
elle
ea
as
se
e P
Po
oiin
ntt a
att 2
25
5 °°C
C
-130 Gauss [-13.0 mT] typ.
O
Op
pe
erra
attiin
ng
g T
Te
em
mp
pe
erra
attu
urre
e R
Ra
an
ng
ge
e
-40 °C to 125 °C [-40 °F to 257 °F]
D
Diiffffe
erre
en
nttiia
all m
miin
n..
260 Gauss [26.0 mT] typ.
O
Ou
uttp
pu
utt V
Vo
olltta
ag
ge
e
0.4(V) max.
S
Sw
wiittc
ch
hiin
ng
g T
Tiim
me
e R
Riis
se
e ((1
10
0 %
% tto
o 9
90
0 %
%))
1.5 µs max.
S
Sw
wiittc
ch
hiin
ng
g T
Tiim
me
e F
Fa
allll ((9
90
0 %
% tto
o 1
10
0 %
%))
1.5 µs max.
L
Le
ea
ak
ka
ag
ge
e C
Cu
urrrre
en
ntt
10 µA max.
O
Op
pe
erra
attiin
ng
g F
Frre
eq
qu
ue
en
nc
cy
y ((ff))
> 1000 Hz min.
A
Av
va
aiilla
ab
biilliitty
y
Global
Hall-effect Digital Speed & Direction Sensor
2
Honeywell Sensing and Control
For application help: call 1-800-537-6945
IIN
NT
TE
ER
RF
FA
AC
CIIN
NG
G D
DIIA
AG
GR
RA
AM
MS
S



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com