Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCFL0805CF-R11 Datasheet(PDF) 2 Page - Transko Electronics, Inc.

Part # TCFL0805CF-R11
Description  Ceramic Chip Inductor (2.4 x 1.6 x 1.4 mm)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

TCFL0805CF-R11 Datasheet(HTML) 2 Page - Transko Electronics, Inc.

  TCFL0805CF-R11 Datasheet HTML 1Page - Transko Electronics, Inc. TCFL0805CF-R11 Datasheet HTML 2Page - Transko Electronics, Inc. TCFL0805CF-R11 Datasheet HTML 3Page - Transko Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TCFL0805CF
3981 E. Miraloma Ave. Anaheim, CA 92806 USA
Tel: 714-528-8000
www.transko.com
sales@transko.com
Rev 1: 06-05-2020
•
Specifications are measured using HP E4991A
•
Inductance tolerance: Letter at end of part number: G = ±2% ; J = ±5% ; K = ±10%
DIMENSIONS
SOLDER PATTERN
Unit: mm
A
B
C
D
F
G
D1
D2
D3
mm
2.40 Max
1.60 Max
1.40 Max
0.51
0.44
1.45
2.80
0.76
1.78
ELECTRODE TERMINAL
L vs FREQUENCY
Q vs FREQUENCY
Part Number
L (nH) / @MHz
Inductance
tolerance
Q min
/@MHz
SRF(MHz)
min.
DCR
(Ω) Max
Irms (mA)
Max
TCFL0805CF-R33_
330 / 100
G,J,K
48 / 250
750
1.40
310
TCFL0805CF-R39_
390 / 100
G,J,K
48 / 250
560
1.50
290
TCFL0805CF-R47_
470 / 50
G,J,K
30 / 100
375
1.76
250
TCFL0805CF-R56_
560 / 25
G,J,K
23 / 50
340
1.90
230
TCFL0805CF-R62_
620 / 25
G,J,K
23 / 50
220
2.20
210
TCFL0805CF-R68_
680 / 25
G,J,K
23 / 50
188
2.20
190
TCFL0805CF-R75_
750 / 25
G,J,K
23 / 50
200
2.30
180
TCFL0805CF-R82_
820 / 25
G,J,K
23 / 50
215
2.35
180
TCFL0805CF-1R0_
1000 / 25
G,J,K
22 / 50
200
2.45
180
TCFL0805CF-1R5_
1500 / 7.9
G,J,K
16 / 7.9
120
2.50
170
TCFL0805CF-1R8_
1800 / 7.9
G,J,K
16 / 7.9
80
2.50
170
TCFL0805CF-2R2_
2200 / 7.9
G,J,K
16 / 7.9
60
2.70
160
TCFL0805CF-2R7_
2700 / 7.9
G,J,K
16 / 7.9
50
3.80
160
TCFL0805CF-4R7_
4700 / 7.9
J,K
10 / 7.9
40
15.0
130



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com