Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCFL0805CF-R11 Datasheet (PDF) - Transko Electronics, Inc.

TCFL0805CF-R11 Datasheet PDF - Transko Electronics, Inc.
Part # TCFL0805CF-R11
Download  TCFL0805CF-R11 Download
File Size   433.54 Kbytes
Page   3 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description Ceramic Chip Inductor (2.4 x 1.6 x 1.4 mm)

TCFL0805CF-R11 Datasheet (PDF)

Go To PDF Page Download Datasheet
TCFL0805CF-R11 Datasheet PDF - Transko Electronics, Inc.

Part # TCFL0805CF-R11
Download  TCFL0805CF-R11 Click to download

File Size   433.54 Kbytes
Page   3 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description Ceramic Chip Inductor (2.4 x 1.6 x 1.4 mm)

TCFL0805CF-R11 Datasheet (HTML) - Transko Electronics, Inc.


TCFL0805CF-R11 Product details

FEATURES
• Miniature SMD Package • High SRF
• High Frequency • High Q value




Similar Part No. - TCFL0805CF-R11

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TCFL0402CF TRANSKO-TCFL0402CF Datasheet
416Kb / 3P
Ceramic Chip Inductor (1.19 x 0.65 x 0.66 mm)
Rev 1: 06-05-2020
TCFL0402CF-10N TRANSKO-TCFL0402CF-10N Datasheet
416Kb / 3P
Ceramic Chip Inductor (1.19 x 0.65 x 0.66 mm)
Rev 1: 06-05-2020
TCFL0402CF-11N TRANSKO-TCFL0402CF-11N Datasheet
416Kb / 3P
Ceramic Chip Inductor (1.19 x 0.65 x 0.66 mm)
Rev 1: 06-05-2020
TCFL0402CF-12N TRANSKO-TCFL0402CF-12N Datasheet
416Kb / 3P
Ceramic Chip Inductor (1.19 x 0.65 x 0.66 mm)
Rev 1: 06-05-2020
TCFL0402CF-13N TRANSKO-TCFL0402CF-13N Datasheet
416Kb / 3P
Ceramic Chip Inductor (1.19 x 0.65 x 0.66 mm)
Rev 1: 06-05-2020
More results


Similar Description - TCFL0805CF-R11

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KP3216SURCK ETC-KP3216SURCK Datasheet
97Kb / 4P
3.2 X 1.6 MM CHIP LED LAMP
logo
OPTEK Technologies
OVSTRGBFC6 OPTEK-OVSTRGBFC6 Datasheet
1Mb / 9P
Full Color SMT Chip LED (3.5 x 3.0 x 1.4 mm)
logo
TT Electronics.
OVSTRGBFC6 TTELEC-OVSTRGBFC6 Datasheet
1Mb / 9P
Full Color SMT Chip LED (3.5 x 3.0 x 1.4 mm)
logo
HK TO-GRACE TECHNOLOGY ...
APT3216SYCK-J3-PRV TO-GRACE-APT3216SYCK-J3-PRV Datasheet
779Kb / 4P
3.2 mm x 1.6 mm SMD Chip LED Lamp
logo
Transko Electronics, In...
TCFL0402CF TRANSKO-TCFL0402CF Datasheet
416Kb / 3P
Ceramic Chip Inductor (1.19 x 0.65 x 0.66 mm)
Rev 1: 06-05-2020
TCFL0603CF TRANSKO-TCFL0603CF Datasheet
459Kb / 3P
Ceramic Chip Inductor (1.8 x 1.2 x 1.2 mm)
Rev 1: 06-05-2020
TCFL1008CF TRANSKO-TCFL1008CF Datasheet
359Kb / 3P
Ceramic Chip Inductor (2.92 x 2.79 x 2.03 mm)
Rev 1: 06-05-2020
TCFL1206CF TRANSKO-TCFL1206CF Datasheet
336Kb / 3P
Ceramic Chip Inductor (3.6 x 2.2 x 1.63 mm)
Rev 1: 06-05-2020
TCFL161010MF TRANSKO-TCFL161010MF Datasheet
423Kb / 1P
Ferrite Shielded Inductor SMD (1.6 x 1.0 x 1.0 mm)
Rev 1: Nov. 10 2017
TPQH201610TF-R TRANSKO-TPQH201610TF-R Datasheet
686Kb / 3P
Power Inductor SMD (2.0 X 1.6 X 1.0 mm)
Rev 1: 09-18-2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com