Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCFL0805CF-R16 Datasheet(PDF) 1 Page - Transko Electronics, Inc.

Part # TCFL0805CF-R16
Description  Ceramic Chip Inductor (2.4 x 1.6 x 1.4 mm)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

TCFL0805CF-R16 Datasheet(HTML) 1 Page - Transko Electronics, Inc.

  TCFL0805CF-R16 Datasheet HTML 1Page - Transko Electronics, Inc. TCFL0805CF-R16 Datasheet HTML 2Page - Transko Electronics, Inc. TCFL0805CF-R16 Datasheet HTML 3Page - Transko Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TCFL0805CF
3981 E. Miraloma Ave. Anaheim, CA 92806 USA
Tel: 714-528-8000
www.transko.com
sales@transko.com
Rev 1: 06-05-2020
Ceramic Chip Inductor (2.4 x 1.6 x 1.4 mm)
FEATURES
•
Miniature SMD Package
•
High SRF
•
High Frequency
•
High Q value
SPECIFICATION
Part Number
L (nH) / @MHz
Inductance
tolerance
Q min
/@MHz
SRF(MHz)
min.
DCR
(Ω) Max
Irms (mA)
Max
TCFL0805CF-2N2_
2.2 / 250
K
50 / 1000
7900
0.05
800
TCFL0805CF-2N7_
2.7 / 250
J,K
50 / 1500
7900
0.06
800
TCFL0805CF-2N8_
2.8 / 250
J,K
55 / 1500
7900
0.06
800
TCFL0805CF-3N0_
3.0 / 250
J,K
55 / 1500
7900
0.08
800
TCFL0805CF-3N3_
3.3 / 250
J,K
45 / 1500
7900
0.12
600
TCFL0805CF-5N1_
5.1 / 250
J,K
60 / 1000
5800
0.06
600
TCFL0805CF-5N6_
5.6 / 250
J,K
65 / 1000
5500
0.08
600
TCFL0805CF-6N2_
6.2 / 250
J,K
65 / 1000
5500
0.11
600
TCFL0805CF-6N8_
6.8 / 250
J,K
50 / 1000
5500
0.11
600
TCFL0805CF-7N5_
7.5 / 250
J,K
50 / 1000
4500
0.14
600
TCFL0805CF-8N2_
8.2 / 250
J,K
50 / 1000
4700
0.16
600
TCFL0805CF-10N_
10 / 250
G,J,K
60 / 500
4200
0.10
600
TCFL0805CF-12N_
12 / 250
G,J,K
50 / 500
4000
0.15
600
TCFL0805CF-15N_
15 / 250
G,J,K
50 / 500
3400
0.17
600
TCFL0805CF-18N_
18 / 250
G,J,K
50 / 500
3300
0.20
600
TCFL0805CF-22N_
22 / 250
G,J,K
55 / 500
2600
0.22
500
TCFL0805CF-24N_
24 / 250
G,J,K
50 / 500
2000
0.22
500
TCFL0805CF-27N_
27 / 250
G,J,K
55 / 500
2500
0.25
500
TCFL0805CF-33N_
33 / 250
G,J,K
60 / 500
2050
0.27
500
TCFL0805CF-36N_
36 / 250
G,J,K
55 / 500
1700
0.27
500
TCFL0805CF-39N_
39 / 250
G,J,K
60 / 500
2000
0.29
500
TCFL0805CF-43N_
43 / 200
G,J,K
60 / 500
1650
0.34
500
TCFL0805CF-47N_
47 / 200
G,J,K
60 / 500
1650
0.31
500
TCFL0805CF-56N_
56 / 200
G,J,K
60 / 500
1550
0.34
500
TCFL0805CF-68N_
68 / 200
G,J,K
60 / 500
1450
0.38
500
TCFL0805CF-75N_
75 / 200
G,J,K
60 / 500
1400
0.40
400
TCFL0805CF-82N_
82 / 150
G,J,K
65 / 500
1300
0.42
400
TCFL0805CF-91N_
91 / 150
G,J,K
65 / 500
1200
0.48
400
TCFL0805CF-R10_
100 / 150
G,J,K
65 / 500
1200
0.46
400
TCFL0805CF-R11_
110 / 150
G,J,K
50 / 250
1000
0.48
400
TCFL0805CF-R12_
120 / 150
G,J,K
50 / 250
1100
0.51
400
TCFL0805CF-R15_
150 / 100
G,J,K
50 / 250
920
0.56
400
TCFL0805CF-R16_
160 / 100
G,J,K
50 / 250
900
0.60
400
TCFL0805CF-R18_
180 / 100
G,J,K
50 / 250
870
0.64
400
TCFL0805CF-R20_
200 / 100
G,J,K
50 / 250
865
0.68
400
TCFL0805CF-R22_
220 / 100
G,J,K
50 / 250
850
0.70
400
TCFL0805CF-R24_
240 / 100
G,J,K
44 / 250
690
1.00
350
TCFL0805CF-R25_
250 / 100
G,J,K
48 / 250
680
1.00
350
TCFL0805CF-R27_
270 / 100
G,J,K
48 / 250
650
1.00
350


Similar Part No. - TCFL0805CF-R16

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TCFL0402CF TRANSKO-TCFL0402CF Datasheet
416Kb / 3P
Ceramic Chip Inductor (1.19 x 0.65 x 0.66 mm)
Rev 1: 06-05-2020
TCFL0402CF-10N TRANSKO-TCFL0402CF-10N Datasheet
416Kb / 3P
Ceramic Chip Inductor (1.19 x 0.65 x 0.66 mm)
Rev 1: 06-05-2020
TCFL0402CF-11N TRANSKO-TCFL0402CF-11N Datasheet
416Kb / 3P
Ceramic Chip Inductor (1.19 x 0.65 x 0.66 mm)
Rev 1: 06-05-2020
TCFL0402CF-12N TRANSKO-TCFL0402CF-12N Datasheet
416Kb / 3P
Ceramic Chip Inductor (1.19 x 0.65 x 0.66 mm)
Rev 1: 06-05-2020
TCFL0402CF-13N TRANSKO-TCFL0402CF-13N Datasheet
416Kb / 3P
Ceramic Chip Inductor (1.19 x 0.65 x 0.66 mm)
Rev 1: 06-05-2020
More results

Similar Description - TCFL0805CF-R16

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KP3216SURCK ETC-KP3216SURCK Datasheet
97Kb / 4P
3.2 X 1.6 MM CHIP LED LAMP
logo
OPTEK Technologies
OVSTRGBFC6 OPTEK-OVSTRGBFC6 Datasheet
1Mb / 9P
Full Color SMT Chip LED (3.5 x 3.0 x 1.4 mm)
logo
TT Electronics.
OVSTRGBFC6 TTELEC-OVSTRGBFC6 Datasheet
1Mb / 9P
Full Color SMT Chip LED (3.5 x 3.0 x 1.4 mm)
logo
HK TO-GRACE TECHNOLOGY ...
APT3216SYCK-J3-PRV TO-GRACE-APT3216SYCK-J3-PRV Datasheet
779Kb / 4P
3.2 mm x 1.6 mm SMD Chip LED Lamp
logo
Transko Electronics, In...
TCFL0402CF TRANSKO-TCFL0402CF Datasheet
416Kb / 3P
Ceramic Chip Inductor (1.19 x 0.65 x 0.66 mm)
Rev 1: 06-05-2020
TCFL0603CF TRANSKO-TCFL0603CF Datasheet
459Kb / 3P
Ceramic Chip Inductor (1.8 x 1.2 x 1.2 mm)
Rev 1: 06-05-2020
TCFL1008CF TRANSKO-TCFL1008CF Datasheet
359Kb / 3P
Ceramic Chip Inductor (2.92 x 2.79 x 2.03 mm)
Rev 1: 06-05-2020
TCFL1206CF TRANSKO-TCFL1206CF Datasheet
336Kb / 3P
Ceramic Chip Inductor (3.6 x 2.2 x 1.63 mm)
Rev 1: 06-05-2020
TCFL161010MF TRANSKO-TCFL161010MF Datasheet
423Kb / 1P
Ferrite Shielded Inductor SMD (1.6 x 1.0 x 1.0 mm)
Rev 1: Nov. 10 2017
TPQH201610TF-R TRANSKO-TPQH201610TF-R Datasheet
686Kb / 3P
Power Inductor SMD (2.0 X 1.6 X 1.0 mm)
Rev 1: 09-18-2018
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com