Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCFL0603CF-R12 Datasheet(PDF) 1 Page - Transko Electronics, Inc.

Part # TCFL0603CF-R12
Description  Ceramic Chip Inductor (1.8 x 1.2 x 1.2 mm)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

TCFL0603CF-R12 Datasheet(HTML) 1 Page - Transko Electronics, Inc.

  TCFL0603CF-R12 Datasheet HTML 1Page - Transko Electronics, Inc. TCFL0603CF-R12 Datasheet HTML 2Page - Transko Electronics, Inc. TCFL0603CF-R12 Datasheet HTML 3Page - Transko Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TCFL0603CF
3981 E. Miraloma Ave. Anaheim, CA 92806 USA
Tel: 714-528-8000
www.transko.com
sales@transko.com
Rev 1: 06-05-2020
Ceramic Chip Inductor (1.8 x 1.2 x 1.2 mm)
FEATURES
•
Ultra Miniature SMD Package
•
High SRF
•
High Frequency
•
High Q value
SPECIFICATION
Part Number
L (nH) / @MHz
Inductance
tolerance
Q min
/@MHz
SRF (MHz)
min.
DCR
(Ω) Max
IDC (mA)
Max
TCFL0603CF-1N6_
1.6 / 250
J,K
24 / 250
12500
0.030
700
TCFL0603CF-1N8_
1.8 / 250
J,K
16 / 250
12500
0.045
700
TCFL0603CF-2N2_
2.2 / 250
J,K
13 / 250
12500
0.250
700
TCFL0603CF-3N3_
3.3 / 250
J,K
30 / 250
5900
0.045
700
TCFL0603CF-3N6_
3.6 / 250
J,K
22 / 250
5900
0.063
700
TCFL0603CF-3N9_
3.9 / 250
J,K
22 / 250
6900
0.080
700
TCFL0603CF-4N3_
4.3 / 250
J,K
22 / 250
5900
0.063
700
TCFL0603CF-4N7_
4.7 / 250
J,K
20 / 250
5800
0.085
700
TCFL0603CF-5N1_
5.1 / 250
J,K
20 / 250
5700
0.115
700
TCFL0603CF-5N6_
5.6 / 250
J,K
20 / 250
5800
0.160
700
TCFL0603CF-6N3_
6.3 / 250
J,K
26 / 250
5700
0.115
700
TCFL0603CF-6N8_
6.8 / 250
J,K
27 / 250
5800
0.125
700
TCFL0603CF-7N5_
7.5 / 250
J,K
28 / 250
4800
0.115
700
TCFL0603CF-8N2_
8.2 / 250
J,K
30 / 250
4700
0.125
700
TCFL0603CF-8N7_
8.7 / 250
J,K
28 / 250
4600
0.109
700
TCFL0603CF-9N1_
9.1 / 250
J,K
28 / 250
4600
0.120
700
TCFL0603CF-9N5_
9.5 / 250
G,J,K
28 / 250
5400
0.145
700
TCFL0603CF-10N_
10 / 250
G,J,K
31 / 250
4800
0.145
700
TCFL0603CF-11N_
11 / 250
G,J,K
30 / 250
4000
0.145
700
TCFL0603CF-12N_
12 / 250
G,J,K
35 / 250
4000
0.145
700
TCFL0603CF-15N_
15 / 250
G,J,K
35 / 250
4000
0.180
700
TCFL0603CF-16N_
16 / 250
G,J,K
34 / 250
3300
0.170
700
TCFL0603CF-18N_
18 / 250
G,J,K
35 / 250
3100
0.180
700
TCFL0603CF-19N_
19 / 250
G,J,K
35 / 250
3000
0.190
700
TCFL0603CF-20N_
20 / 250
G,J,K
38 / 250
3000
0.180
700
TCFL0603CF-22N_
22 / 250
G,J,K
38 / 250
3000
0.205
700
TCFL0603CF-23N_
23 / 250
G,J,K
38 / 250
2850
0.205
700
TCFL0603CF-24N_
24 / 250
G,J,K
36 / 250
2650
0.205
700
TCFL0603CF-25N_
25 / 250
G,J,K
38 / 250
2800
0.210
600
TCFL0603CF-27N_
27 / 250
G,J,K
40 / 250
2800
0.220
600
TCFL0603CF-30N_
30 / 250
G,J,K
37 / 250
2250
0.220
600
TCFL0603CF-33N_
33 / 250
G,J,K
40 / 250
2300
0.240
600
TCFL0603CF-36N_
36 / 250
G,J,K
37 / 250
2080
0.250
600
TCFL0603CF-39N_
39 / 250
G,J,K
40 / 250
2200
0.260
600
TCFL0603CF-43N_
43 / 250
G,J,K
38 / 250
2000
0.280
600
TCFL0603CF-47N_
47 / 200
G,J,K
38 / 200
2000
0.280
600
TCFL0603CF-56N_
56 / 200
G,J,K
38 / 200
1900
0.310
600
TCFL0603CF-62N_
62 / 200
G,J,K
37 / 200
1800
0.330
600
TCFL0603CF-68N_
68 / 200
G,J,K
37 / 200
1700
0.340
600


Similar Part No. - TCFL0603CF-R12

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TCFL0402CF TRANSKO-TCFL0402CF Datasheet
416Kb / 3P
Ceramic Chip Inductor (1.19 x 0.65 x 0.66 mm)
Rev 1: 06-05-2020
TCFL0402CF-10N TRANSKO-TCFL0402CF-10N Datasheet
416Kb / 3P
Ceramic Chip Inductor (1.19 x 0.65 x 0.66 mm)
Rev 1: 06-05-2020
TCFL0402CF-11N TRANSKO-TCFL0402CF-11N Datasheet
416Kb / 3P
Ceramic Chip Inductor (1.19 x 0.65 x 0.66 mm)
Rev 1: 06-05-2020
TCFL0402CF-12N TRANSKO-TCFL0402CF-12N Datasheet
416Kb / 3P
Ceramic Chip Inductor (1.19 x 0.65 x 0.66 mm)
Rev 1: 06-05-2020
TCFL0402CF-13N TRANSKO-TCFL0402CF-13N Datasheet
416Kb / 3P
Ceramic Chip Inductor (1.19 x 0.65 x 0.66 mm)
Rev 1: 06-05-2020
More results

Similar Description - TCFL0603CF-R12

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
PMX MTRONPTI-PMX Datasheet
209Kb / 1P
5.0 x 7.0 x 1.2 mm
logo
Abracon Corporation
AWSZT-CR ABRACON-AWSZT-CR Datasheet
1Mb / 2P
4.5 x 2.0 x 1.2 mm SMD CERAMIC RESONATOR
09.18.08
AWSZT-CW ABRACON-AWSZT-CW Datasheet
1Mb / 2P
2.5 x 2.0 x 1.2 mm SMD CERAMIC RESONATOR
09.18.08
logo
Transko Electronics, In...
1ZTTCW TRANSKO-1ZTTCW Datasheet
401Kb / 1P
CERAMIC RESONATORS (2.0 X 2.5 X 1.2 / 0.55 mm)
Rev. 1: Jul. 2014
4ZTTCR TRANSKO-4ZTTCR Datasheet
389Kb / 1P
CERAMIC RESONATORS (4.5 X 2.0 X 1.2 mm)
Rev. 1: Jul. 2014
T4FC2012F TRANSKO-T4FC2012F Datasheet
1Mb / 5P
Common Mode Choke SMD (2.0 X 1.2 X 1.2 mm)
Rev 1: 05-09-2018
TCFL161010WF TRANSKO-TCFL161010WF Datasheet
359Kb / 3P
Ferrite Shielded Inductor SMD (1.8 x 1.2 x 1.2 mm)
Rev 1: 08-03-2020
TMPIC252012F TRANSKO-TMPIC252012F Datasheet
309Kb / 3P
Power Inductor SMD (2.5 X 2.0 X 1.2 mm)
Rev 1: 02-04-2020
TPQH252012HF-R TRANSKO-TPQH252012HF-R Datasheet
776Kb / 3P
Power Inductor SMD (2.5 X 2.0 X 1.2 mm)
Rev 1: 03-07-2019
logo
Xtaltq Technologies Co....
BS5032A XTALTQ-BS5032A Datasheet
234Kb / 2P
Typical 5.0 x 3.2 x 1.2 mm ceramic SMD package
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com