Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPIT03020F-R68 Datasheet(PDF) 4 Page - Transko Electronics, Inc.

Part # TMPIT03020F-R68
Description  Power Inductor SMD (3.2 X 3.7 X 2.0 mm)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

TMPIT03020F-R68 Datasheet(HTML) 4 Page - Transko Electronics, Inc.

  TMPIT03020F-R68 Datasheet HTML 1Page - Transko Electronics, Inc. TMPIT03020F-R68 Datasheet HTML 2Page - Transko Electronics, Inc. TMPIT03020F-R68 Datasheet HTML 3Page - Transko Electronics, Inc. TMPIT03020F-R68 Datasheet HTML 4Page - Transko Electronics, Inc. TMPIT03020F-R68 Datasheet HTML 5Page - Transko Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TMPIT03020F Series
3981 E. Miraloma Ave. Anaheim, CA 92806 USA
Tel: 714-528-8000
www.transko.com
sales@transko.com
Rev 3: 07-30-2020
REEL DIMENSIONS (3000 pcs per reel)
A
B
C
D
mm
12.0 ±0.5
100 ±2.0
13.0 ±0.5
330
W1
12.00±0.3
G
2.00±0.1
B0
3.80±0.1
I
1.75±0.1
P1
8.00±0.1
K0
2.30±0.1
F
5.50±0.1
A0
3.50±0.1
P
4.00±0.1
T
0.35±0.1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com