Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPIT03020F-R68 Datasheet(PDF) 1 Page - Transko Electronics, Inc.

Part # TMPIT03020F-R68
Description  Power Inductor SMD (3.2 X 3.7 X 2.0 mm)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

TMPIT03020F-R68 Datasheet(HTML) 1 Page - Transko Electronics, Inc.

  TMPIT03020F-R68 Datasheet HTML 1Page - Transko Electronics, Inc. TMPIT03020F-R68 Datasheet HTML 2Page - Transko Electronics, Inc. TMPIT03020F-R68 Datasheet HTML 3Page - Transko Electronics, Inc. TMPIT03020F-R68 Datasheet HTML 4Page - Transko Electronics, Inc. TMPIT03020F-R68 Datasheet HTML 5Page - Transko Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TMPIT03020F Series
3981 E. Miraloma Ave. Anaheim, CA 92806 USA
Tel: 714-528-8000
www.transko.com
sales@transko.com
Rev 3: 07-30-2020
Power Inductor SMD (3.2 X 3.7 X 2.0 mm)
FEATURES
•
Iron Powder Molding
•
Low DCR
•
Shielded Construction
•
Low acoustic noise
•
Halogen Free RoHS compliant
SPECIFICATION
DC Resistance (mΩ)
Rated DC Current (A) Typ.
Part No.
Inductance (μH)
Max. (Typ.)
TMPIT03020F-R47_
0.47
23 (19.7)
9.0
7.0
TMPIT03020F-R68_
0.68
29 (25.5)
7.0
5.5
TMPIT03020F-1R0_
1.0
38 (32.0)
5.0
4.0
TMPIT03020F-1R5_
1.5
50 (42.0)
4.0
3.8
TMPIT03020F-2R2_
2.2
75 (65.0)
3.7
3.5
TMPIT03020F-3R3_
3.3
145 (125)
3.5
3.0
TMPIT03020F-4R7_
4.7
200 (172)
3.0
2.6
TMPIT03020F-5R6_
5.6
238 (205)
2.6
2.2
TMPIT03020F-6R8_
6.8
300 (260)
2.2
1.9
TMPIT03020F-8R2_
8.2
390 (340)
1.9
1.6
TMPIT03020F-100_
10
422 (366)
1.6
1.4
•
Measurement frequency of Inductance value : 100KHz, 1V
•
Inductance tolerance: Letter at end of part number: N = ±30% ; M = ±20%
DIMENSION
SOLDER PATTERN
SCHEMATIC
A
B
C
D
E
G
H
I
3.20 ±0.20
3.70 Max
2.00 Max
1.20 ±0.2
1.00 Ref
4.10
1.45
1.90
mm
XXX


Similar Part No. - TMPIT03020F-R68

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TMPIT04020AF TRANSKO-TMPIT04020AF Datasheet
285Kb / 2P
Power Inductor SMD (4.10 X 4.10 X 1.90 mm)
Rev 1: 05-21-2020
TMPIT04020AF-1R0M TRANSKO-TMPIT04020AF-1R0M Datasheet
285Kb / 2P
Power Inductor SMD (4.10 X 4.10 X 1.90 mm)
Rev 1: 05-21-2020
TMPIT04020AF-1R2M TRANSKO-TMPIT04020AF-1R2M Datasheet
285Kb / 2P
Power Inductor SMD (4.10 X 4.10 X 1.90 mm)
Rev 1: 05-21-2020
TMPIT04020AF-1R5M TRANSKO-TMPIT04020AF-1R5M Datasheet
285Kb / 2P
Power Inductor SMD (4.10 X 4.10 X 1.90 mm)
Rev 1: 05-21-2020
TMPIT04020AF-1R8M TRANSKO-TMPIT04020AF-1R8M Datasheet
285Kb / 2P
Power Inductor SMD (4.10 X 4.10 X 1.90 mm)
Rev 1: 05-21-2020
More results

Similar Description - TMPIT03020F-R68

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AWSZT-CV ABRACON-AWSZT-CV Datasheet
1Mb / 2P
3.7 x 3.1 mm SMD CERAMIC RESONATOR
09.18.08
logo
TAITIEN ELECTRONICS CO....
XO-0108-32.768K-OX-OY TAITIEN-XO-0108-32.768K-OX-OY Datasheet
758Kb / 1P
3.2 x 2.5 / 2.5 x 2.0 mm SMD Oscillator
AT-0002-XX TAITIEN-AT-0002-XX Datasheet
244Kb / 1P
3.2 x 2.5 mm SMD Crystal
AT-0014-XV TAITIEN-AT-0014-XV Datasheet
267Kb / 1P
5.0 x 3.2 mm SMD Crystal
logo
Transko Electronics, In...
TMPIC04020F TRANSKO-TMPIC04020F Datasheet
1Mb / 4P
Power Inductor SMD (4.45 X 4.75 X 2.00 mm)
Rev 1: 05-09-2018
TMPIC252012F TRANSKO-TMPIC252012F Datasheet
309Kb / 3P
Power Inductor SMD (2.5 X 2.0 X 1.2 mm)
Rev 1: 02-04-2020
TMPIT07030AF TRANSKO-TMPIT07030AF Datasheet
368Kb / 4P
Power Inductor SMD (6.6 X 6.4 X 3.1 mm)
Rev 1: 05-21-2020
TP0705BF TRANSKO-TP0705BF Datasheet
618Kb / 3P
Power Inductor SMD (7.80 X 7.00 X 5.00 mm)
Rev 3: 09-11-2019
TPQH201610TF-R TRANSKO-TPQH201610TF-R Datasheet
686Kb / 3P
Power Inductor SMD (2.0 X 1.6 X 1.0 mm)
Rev 1: 09-18-2018
TPQH252012HF-R TRANSKO-TPQH252012HF-R Datasheet
776Kb / 3P
Power Inductor SMD (2.5 X 2.0 X 1.2 mm)
Rev 1: 03-07-2019
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com