Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1798CS8-3 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1798CS8-3
Description  Micropower Low Dropout References
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1798CS8-3 Datasheet(HTML) 3 Page - Linear Technology

  LTC1798CS8-3 Datasheet HTML 1Page - Linear Technology LTC1798CS8-3 Datasheet HTML 2Page - Linear Technology LTC1798CS8-3 Datasheet HTML 3Page - Linear Technology LTC1798CS8-3 Datasheet HTML 4Page - Linear Technology LTC1798CS8-3 Datasheet HTML 5Page - Linear Technology LTC1798CS8-3 Datasheet HTML 6Page - Linear Technology LTC1798CS8-3 Datasheet HTML 7Page - Linear Technology LTC1798CS8-3 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LTC1798 Series
3
The q denotes specifications which apply over the full specified temperature range, otherwise specifications are at TA = 25°C.
VIN = VOUT(NOMINAL) + 0.2V, IOUT = 0mA unless otherwise noted. FB = OUT for the LTC1798.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
en
Output Voltage Noise (Note 5)
0.1Hz
≤ f ≤ 10Hz
8
ppmP-P
TC
Output Voltage Temp Coefficient (Note 6)
TMIN ≤ TJ ≤ TMAX
q
15
40
ppm/
°C
VOUT/VIN
Line Regulation
VIN = (VOUT(NOMINAL) + 0.2V) to 12.6V
q
30
120
ppm/V
VOUT/IOUT
Load Regulation (Note 7)
Sourcing 0mA to 10mA
q
0.1
0.3
mV/mA
Sinking 0mA to 2mA
1.75
4.0
mV/mA
q
6.5
mV/mA
ISC
Short-Circuit Output Current
VOUT Shorted to GND
20
40
mA
VOUT Shorted to VIN
24
mA
∆VDO
Dropout Voltage (Note 8)
IOUT = 0, ∆VOUT ≤ 0.1%
q
100
mV
IOUT = 10mA, ∆VOUT ≤ 0.1%
q
200
mV
VHYST
Output Hysteresis (Note 9)
∆T = –40°C to 85°C
200
ppm
∆T = 0°C to 70°C
50
ppm
IFB
FB Pin Input Current
LTC1798, OUT = FB
10
nA
Note 1: Absolute Maximum Ratings are those values beyond which the life
of the device may be impaired.
Note 2: The LTC1798 is guaranteed functional over the operating
temperature range of – 40
°C to 100°C.
Note 3: If the part is stored outside of the specified operating temperature
range, the output may shift due to hysteresis.
Note 4: ESD (Electostatic Discharge) sensitive device. Extensive use of
ESD protection devices are used internal to the LTC1798, however, high
electrostatic discharge can damage or degrade the device. Use proper ESD
handling precautions.
Note 5: Peak-to-peak noise is measured with a single pole highpass filter
at 0.1Hz and 2-pole lowpass filter at 10Hz.
Note 6: Temperature coefficient is the change in output voltage divided by
the nominal output voltage divided by the specified temperature range.
Note 7: Load regulation is measured on a pulse basis from no load to the
specified load current. Output changes due to die temperature change
must be taken into account separately.
Note 8: Dropout voltage is (VIN – VOUT) when VOUT falls to 0.1% below its
nominal value at VIN = VOUT + 0.5V.
Note 9: Hysteresis in output voltage is created by package stress that
differs depending on whether the IC was previously at a higher or lower
temperature. Output voltage is always measured at 25
°C, but the IC is
cycled hot or cold before successive measurements. Hysteresis is not
normally a problem for operational temperature excursions where the
instrument might be stored at high or low temperature.
LTC1798-2.5* Dropout Voltage
vs Output Source Current
LTC1798-2.5*
Input Current vs Temperature
LTC1798 Series Output Short-
Circuit Current vs Temperature
*Similar performance characteristics can be expected for all voltage options.
ELECTRICAL CHARACTERISTICS
TYPICAL PERFOR A CE CHARACTERISTICS
OUTPUT SOURCE CURRENT (mA)
100
90
80
70
60
50
40
30
20
10
0
0
1
10
100
1798 G01
0.1
TA = 25°C
TEMPERATURE (
°C)
–50 –25
150
1798 G02
025
50
75
100 125
8
7
6
5
4
3
2
1
0
VIN = 2.7V
TEMPERATURE (
°C)
–50 –25
150
1798 G03
025
50
75
100 125
70
60
50
40
30
20
10
5
0
TA = 25°C
VIN = VOUT(NOM) + 0.2V
OUTPUT
SHORTED
TO VIN
OUTPUT
SHORTED
TO GND



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com