Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1798CS8-3 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1798CS8-3
Description  Micropower Low Dropout References
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1798CS8-3 Datasheet(HTML) 6 Page - Linear Technology

  LTC1798CS8-3 Datasheet HTML 1Page - Linear Technology LTC1798CS8-3 Datasheet HTML 2Page - Linear Technology LTC1798CS8-3 Datasheet HTML 3Page - Linear Technology LTC1798CS8-3 Datasheet HTML 4Page - Linear Technology LTC1798CS8-3 Datasheet HTML 5Page - Linear Technology LTC1798CS8-3 Datasheet HTML 6Page - Linear Technology LTC1798CS8-3 Datasheet HTML 7Page - Linear Technology LTC1798CS8-3 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LTC1798 Series
6
Longer Battery Life
Series references have an advantage over shunt style
references. To operate, shunt references require a resistor
between the power supply and the output. This resistor
must be chosen to supply the maximum current that is
demanded by the circuit being regulated. When the circuit
being controlled is not operating at this maximum current,
the shunt reference must always sink this current, result-
ing in high power dissipation and short battery life.
The LTC1798 series low dropout references do not require
a current setting resistor and can operate with any supply
voltage from (VOUT(NOMINAL) + 0.2V) to 12.6V. When the
circuitry being regulated does not demand current, the
LTC1798 series reduces its dissipation and battery life is
extended. If the reference is not delivering load current it
dissipates only 10.8
µW when operating on a 2.7V supply
for LTC1798-2.5, yet the same connection can deliver
10mA of load current when demanded.
Output Bypass Capacitor
The LTC1798 series is designed to be stable with or
without capacitive loads. With no capacitive load, the
reference is ideal for fast settling applications, or where PC
board space is at a premium.
In applications with significant output loading changes,
an output bypass capacitor of up to 1
µF can be used to
improve the output transient response. Figure 1 shows
the response of the reference to a 1mA to 0
µA load step
with a 1
µF output capacitor. If more than 1µF of output
capacitance is required, a resistor in series with the
capacitor is recommended to reduce the output ringing.
Figure 2 illustrates the use of a damping resistor for
capacitive loads greater than 1
µF. Figure 3 shows the
resistor and capacitor values required to achieve critical
damping.
Figure 1. Reference Output Load Transient Response, 1
µF Output Capacitor
Figure 2. Adding a Damping Resistor with
Output Capacitors Greater Than 1
µF
Figure 3. Damping Resistance vs Output Capacitor Value
1mA
0mA
IOUT
VOUT
100mV/DIV
10ms/DIV
1798 F01a
1mA
0mA
IOUT
VOUT
100mV/DIV
0.5ms/DIV
1798 F01b
LTC1798-5
OUT
IN
GND
4
2
5.2V
TO
12.6V
6
5V
1798 F02
0.1
µF
COUT
>1
µF
DAMPING RESISTOR
<1k
OUTPUT CAPACITOR VALUE (
µF)
1
10
100
1k
10k
10
100
1000
1798 F03
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com