Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT75N75ML-TQ2-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UTT75N75ML-TQ2-R
Description  75A, 75V N-CHANNEL ENHANCEMENT MODE TRENCH POWER MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT75N75ML-TQ2-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UTT75N75ML-TQ2-R Datasheet HTML 1Page - Unisonic Technologies UTT75N75ML-TQ2-R Datasheet HTML 2Page - Unisonic Technologies UTT75N75ML-TQ2-R Datasheet HTML 3Page - Unisonic Technologies UTT75N75ML-TQ2-R Datasheet HTML 4Page - Unisonic Technologies UTT75N75ML-TQ2-R Datasheet HTML 5Page - Unisonic Technologies UTT75N75ML-TQ2-R Datasheet HTML 6Page - Unisonic Technologies UTT75N75ML-TQ2-R Datasheet HTML 7Page - Unisonic Technologies UTT75N75ML-TQ2-R Datasheet HTML 8Page - Unisonic Technologies UTT75N75ML-TQ2-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
UTT75N75M
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 9
www.unisonic.com.tw
QW-R209-154.D
ABSOLUTE MAXIMUM RATINGS (TC=25°С, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
75
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current
Continuous
ID
75
A
Pulsed Drain Current
Pulsed (Note 2)
IDM
150
A
Avalanche energy
Single Pulsed (Note 3)
EAS
163
mJ
Peak Diode Recovery dv/dt (Note 4)
dv/dt
10.5
V/nS
Power Dissipation
TO-220/TO-263
PD
180
W
TO-220F
45
W
TO-251/TO-252
64
W
Junction Temperature
TJ
+150
°C
Storage Temperature Range
TSTG
-55 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating: Pulse width limited by maximum junction temperature.
3. L = 0.1mH, IAS = 57A, VDD = 25V, RG = 25Ω, Starting TJ = 25°C
4. ISD≤30A, di/dt≤200A/µs, VDD≤BVDSS, TJ≤TJMAX, TJ = 25°C.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
TO-220/TO-220F
TO-263
θJA
62.5
°C/W
TO-251/TO-252
110
°C/W
Junction to Case
TO-220/TO-263
θJC
0.69
°C/W
TO-220F
2.77
°C/W
TO-251/TO-252
1.95
°C/W



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com