Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT75N75ML-TQ2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTT75N75ML-TQ2-R
Description  75A, 75V N-CHANNEL ENHANCEMENT MODE TRENCH POWER MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT75N75ML-TQ2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UTT75N75ML-TQ2-R Datasheet HTML 1Page - Unisonic Technologies UTT75N75ML-TQ2-R Datasheet HTML 2Page - Unisonic Technologies UTT75N75ML-TQ2-R Datasheet HTML 3Page - Unisonic Technologies UTT75N75ML-TQ2-R Datasheet HTML 4Page - Unisonic Technologies UTT75N75ML-TQ2-R Datasheet HTML 5Page - Unisonic Technologies UTT75N75ML-TQ2-R Datasheet HTML 6Page - Unisonic Technologies UTT75N75ML-TQ2-R Datasheet HTML 7Page - Unisonic Technologies UTT75N75ML-TQ2-R Datasheet HTML 8Page - Unisonic Technologies UTT75N75ML-TQ2-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UTT75N75M
Power MOSFET
www.unisonic.com.tw
1 of 9
Copyright © 2023 Unisonic Technologies Co., Ltd
QW-R209-154.D
75A, 75V N-CHANNEL
ENHANCEMENT MODE
TRENCH POWER MOSFET
DESCRIPTION
The UTC UTT75N75M is N-channel enhancement mode power
MOSFET using UTC’s advanced technology to provide customers
with super low gate charge and fast switching performance. The
UTC UTT75N75M is suitable for high efficiency synchronous
rectification in SMPS, UPS, hard switched and high frequency
circuits.
FEATURES
* RDS(ON) ≤ 9.0 mΩ @ VGS=10V, ID=37.5A
RDS(ON) ≤ 12 mΩ @ VGS=4.5V, ID=37.5A
* Fast switching capability
* Avalanche energy Specified
* Improved dv/dt capability, high ruggedness
SYMBOL
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
UTT75N75ML-TA3-T
UTT75N75MG-TA3-T
TO-220
G
D
S
Tube
UTT75N75ML-TF3-T
UTT75N75MG-TF3-T
TO-220F
G
D
S
Tube
UTT75N75ML-TM3-T
UTT75N75MG-TM3-T
TO-251
G
D
S
Tube
UTT75N75ML-TN3-R
UTT75N75MG-TN3-R
TO-252
G
D
S
Tape Reel
UTT75N75ML-TQ2-T
UTT75N75MG-TQ2-T
TO-263
G
D
S
Tube
UTT75N75ML-TQ2-R
UTT75N75MG-TQ2-R
TO-263
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate
D: Drain
S: Source


Similar Part No. - UTT75N75ML-TQ2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT75N75 UTC-UTT75N75 Datasheet
169Kb / 5P
80A, 75V N-CHANNEL POWER MOSFET
UTT75N75G-TA3-T UTC-UTT75N75G-TA3-T Datasheet
169Kb / 5P
80A, 75V N-CHANNEL POWER MOSFET
UTT75N75L-TA3-T UTC-UTT75N75L-TA3-T Datasheet
169Kb / 5P
80A, 75V N-CHANNEL POWER MOSFET
More results

Similar Description - UTT75N75ML-TQ2-R

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJP75N75 PANJIT-PJP75N75 Datasheet
148Kb / 4P
75V N-Channel Enhancement Mode MOSFET
PJP75N75 PANJIT-PJP75N75_07 Datasheet
156Kb / 4P
75V N-Channel Enhancement Mode MOSFET
PJB75N75 PANJIT-PJB75N75 Datasheet
165Kb / 4P
75V N-Channel Enhancement Mode MOSFET
logo
HY ELECTRONIC CORP.
HY75N075T HY-HY75N075T Datasheet
225Kb / 4P
75V / 75A N-Channel Enhancement Mode MOSFET
HY80N075T HY-HY80N075T Datasheet
244Kb / 4P
75V / 80A N-Channel Enhancement Mode MOSFET
HY150N075T HY-HY150N075T Datasheet
254Kb / 4P
75V / 150A N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN7022LFG DIODES-DMN7022LFG_15 Datasheet
334Kb / 6P
75V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
logo
SemiHow Co.,Ltd.
HRP90N75K SEMIHOW-HRP90N75K Datasheet
823Kb / 8P
75V N-Channel Trench MOSFET
logo
List of Unclassifed Man...
D7509 ETC-D7509 Datasheet
916Kb / 11P
80A 75V N-channel Enhancement Mode Power MOSFET
Rev. 1.0
logo
DACO SEMICONDUCTOR CO.,...
DAMH75N500H DACO-DAMH75N500H Datasheet
333Kb / 5P
N-Channel Enhancement Mode Power MOSFET 500V / 75A
June 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com