Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT212 Datasheet(PDF) 2 Page - Nais(Matsushita Electric Works)

Part # ACT212
Description  ULTRA SMALL AUTOMOTIVE RELAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

ACT212 Datasheet(HTML) 2 Page - Nais(Matsushita Electric Works)

  ACT212 Datasheet HTML 1Page - Nais(Matsushita Electric Works) ACT212 Datasheet HTML 2Page - Nais(Matsushita Electric Works) ACT212 Datasheet HTML 3Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CT
365
TYPES AND COIL DATA (at 20
°C 68°F)
DIMENSIONS
1. Twin type (8 terminals)
Contact
arrangement
Part No.
Nominal
voltage,
V DC
Pick-up
voltage,
V DC (max.)
Drop-out
voltage,
V DC (min.)
Coil
resistance,
Ω (±10%)
Nominal
operating
current,
mA (
±10%)
Nominal
operating
power,
mW
Usable
voltage range,
V DC
1c
ACT112
12
(Initial)
7.2
(Initial)
1.0
180
53.3
800
10 to 16
1c
× 2
(8 terminals type)
ACT212
12
(Initial)
7.2
(Initial)
1.0
180
53.3
800
10 to 16
1c
× 2
(10 terminals type)
ACT512
12
(Initial)
7.2
(Initial)
1.0
180
53.3
800
10 to 16
JAPAN
0.4
.016
3.5
.138
1
.039
1
.039
0.3
.012
Max. 1.0
.039
*A
Pre-soldering
Sealed by epoxy resin
1.25
.049
3.15
.124
3
.118
1.45
.057
13.5
.531
0.4
.016
0.8
.031
0.4
.016
0.4
.016
9.5
.374
4.3
.169
2.5
.098
4.3
.169
14
.551
17.4
.685
15
.591
6.8
.268
1
.039
6
.236
mm inch
* Dimensions (thickness and width) of terminal specified in this catalog is measured before pre-soldering.
Intervals between terminals is measured at A surface level.
PC board pattern (Bottom view)
Tolerance:
±0.1±.004
Schematic (Bottom view)
3.15
.124
4.3
.169
4.3
.169
2.5
.098
6.8
.268
4-1.4
dia
4-.055
dia
+0.1
0
+0.04
0
4-1.1
dia
4-.043
dia
+0.1
0
+0.04
0
9.5
.374
6
.236
3
.118
15
.591
NC
NO
COM
COM
COIL
COIL
2. Twin type (10 terminals)
JAPAN
JAPAN
0.4
.016
3.5
.138
1
.039
1
.039
0.3
.012
Max. 1.0
.039
*A
Pre-soldering
Sealed by epoxy resin
0.8
.031
1.25
.049
6.8
.268 3.15
.124
3.15
.124
0.65
.026
0.65
.026
1.45
.057
17.4
.685
13.5
.531
0.4
.016
0.4
.016
0.4
.016
14
.551
9.5
.374
6
.236
15
.591
4.3
.169
2.5
.098
4.3
.169
1
.039
* Dimensions (thickness and width) of terminal specified in this catalog is measured before pre-soldering.
Intervals between terminals is measured at A surface level.
PC board pattern (Bottom view)
Tolerance:
±0.1±.004
Schematic (Bottom view)
3.15
.124
3.15
.124
0.65
.026
0.65
.026
4.3
.169
4.3
.169
2.5
.098
6.8
.268
9.5
.374
6
.236
15
.591
6-1.4
dia
6-.055
dia
+0.1
0
+0.04
0
4-1.1
dia
4-.043
dia
+0.1
0
+0.04
0
COM
NO
COM
NO
NC
NC
COIL
COIL
Dimension:
Tolerance
Max. 1mm .039 inch:
±0.1 ± .004
1 to 3mm .039 to .118 inch:
±0.2 ± .008
Min. 3mm .118 inch:
±0.3 ± .012
Dimension:
Tolerance
Max. 1mm .039 inch:
±0.1 ± .004
1 to 3mm .039 to .118 inch:
±0.2 ± .008
Min. 3mm .118 inch:
±0.3 ± .012



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com