Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT212 Datasheet(PDF) 1 Page - Nais(Matsushita Electric Works)

Part # ACT212
Description  ULTRA SMALL AUTOMOTIVE RELAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

ACT212 Datasheet(HTML) 1 Page - Nais(Matsushita Electric Works)

  ACT212 Datasheet HTML 1Page - Nais(Matsushita Electric Works) ACT212 Datasheet HTML 2Page - Nais(Matsushita Electric Works) ACT212 Datasheet HTML 3Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CT
364
CT-RELAYS
ULTRA SMALL
AUTOMOTIVE RELAY
Twin type (8 terminals)
Slim 1c type
17.4
.685
13.5
.531
14
.551
17.4
.685
7.2
.283
13.5
.531
mm inch
FEATURES
• Ultra small size
Twin type: 17.4(L)
×14.0(W)×13.5(H)mm
.685(L)
×.551(W)×.531(H)inch
Slim 1c type: 17.4(L)
×7.2(W)×13.5(H)mm
.685(L)
×.283(W)×.531(H)inch
• Twin (1 Form C
× 2)
Forward/reverse motor control is possible
with a single relay.
• Simple footprint enables ease of PC
board layout
Coil
terminal
Contact
terminal
= 8 terminals
10 terminals layout
SPECIFICATIONS
Contact
Coil
Characteristics
Arrangement
1 Form C
×2 (H bridge),
1 Form C
Contact material
Silver alloy
Initial contact resistance, max.
(By voltage drop 6 V DC 1 A)
100m
Ω
Initial contact voltage drop, max.
0.2 V (at 10 A switching)
Rating
Nominal switching
capacity
N.O.: 20 A 14 V DC
N.C.: 10 A 14 V DC
Max. carrying current
35 A for 2 minutes,
25 A for 1 hour
(14 V, at 20
°C 68°F)
Expected life
(min. operation)
Mechanical (at 120 cpm)
Min. 107
Electrical
Resistive load
Min. 105*1
Motor load
Min. 2
×105*2
Min. 105*3
Nominal operating power
800 mW
Max. operating speed
(at nominal switching capacity)
6 cpm
Initial insulation resistance*4
Min. 100 M
Ω (at 500 V DC)
Initial
breakdown
voltage*5
Between open
contacts
500 Vrms for 1 min.
Between contacts
and coil
500 Vrms for 1 min.
Operate time*6
(at nominal voltage) (at 20
°C 68° F)
Max. 10ms (Initial)
Release time (without diode)*6
(at nominal voltage) (at 20
°C 68° F)
Max. 10ms (Initial)
Shock resistance
Functional*7
Min. 100 m/s2 {10G}
Destructive*8
Min. 1,000 m/s2 {100G}
Vibration
resistance
Functional*9
10 to 100 Hz,
Min. 44.1m/s2 {4.5G}
Destructive*10
10 to 500 Hz,
Min. 44.1m/s2 {4.5G}
Conditions for opera-
tion, transport and stor-
age*11 (Not freezing and
condensing at low tem-
perature)
Ambient
temp
–40
°C to +85°C
–40
°F to +185°F
Humidity
5 to 85% R.H.
Unit weight
Approx. 8.0g .28oz (Twin type)
Approx. 4.0g .14oz (Slim 1c type)
Remarks
*
Specifications will vary with foreigh standards certification ratings.
*1 At nominal switching capacity, operating frequency: 1s ON, 9s OFF
*2 N.O.: at 5 A (steady), 25 A (inrush)/N.C.: at 20 A (brake) 14 V DC, operating fre-
quency: 0.5s ON, 9.5s OFF
*3 At 25A 14 V DC (Motor lock), operating frequency: 0.5s ON, 9.5s OFF
*4 Measurement at same location as "Initial breakdown voltage " section
*5 Detection current: 10mA
*6 Excluding contact bounce time
*7 Half-wave pulse of sine wave: 11ms; detection: 10
µs
*8 Half-wave pulse of sine wave: 6ms
*9 Detection time: 10
µs
*10Time of vibration for each direction;
X, Y, direction: 2 hours
Z direction: 4 hours
*11 Refer to 5. Conditions for operation, transport and storage mentioned in
AMBIENT ENVIRONMENT (Page 61)
X
Y
Z
TYPICAL
APPLICATIONS
• Power windows
• Auto door lock
• Power sunroof
• Electrically powered mirrors
ORDERING INFORMATION
CT
1
12
A
Ex.
Contact arrangement
1: 1 Form C
2: 1 Form C
× 2 (8 terminals type)
5: 1 Form C
× 2 (10 terminals type)
Product name
CT
Standard packing; 1 Form C: Carton(tube package) 30pcs. Case 1,500pcs.
1 Form C
× 2: Carton(tube package) 30pcs. Case 900pcs.
12: 12
Coil voltage (V DC)


Similar Part No. - ACT212

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT2102 ACTIVE-SEMI-ACT2102 Datasheet
707Kb / 16P
18V/2A Step-Down DC/DC Converter
Rev 2, 23-May-12
ACT2102 ACTIVE-SEMI-ACT2102 Datasheet
706Kb / 17P
Wide 4.5V to 18V Operating Input Range
Rev 2, 23-May-12
ACT2102SH-T ACTIVE-SEMI-ACT2102SH-T Datasheet
707Kb / 16P
18V/2A Step-Down DC/DC Converter
Rev 2, 23-May-12
ACT2102SH-T ACTIVE-SEMI-ACT2102SH-T Datasheet
706Kb / 17P
Wide 4.5V to 18V Operating Input Range
Rev 2, 23-May-12
ACT2102 ACTIVE-SEMI-ACT2102_14 Datasheet
706Kb / 17P
Wide 4.5V to 18V Operating Input Range
Rev 2, 23-May-12
More results

Similar Description - ACT212

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AGN20003 NAIS-AGN20003 Datasheet
103Kb / 4P
ULTRA-SMALL PACKAGE SLIM POLARIZED RELAY
logo
Omron Electronics LLC
G8NW-2 OMRON-G8NW-2 Datasheet
306Kb / 6P
Ultra-Miniature Automotive PCB Relay
logo
fujitsu semiconductor
FTR-J2 FUJITSU-FTR-J2 Datasheet
426Kb / 8P
Ultra small High Voltage DC Relay
FTR-J2 FUJITSU-FTR-J2_10 Datasheet
420Kb / 9P
POWER RELAY ULTRA SMALL HIGH VOLTAGE DC RELAY
FTR-J2 FUJITSU-FTR-J2_12 Datasheet
494Kb / 10P
POWER RELAY ULTRA SMALL HIGH VOLTAGE DC RELAY
logo
Omron Electronics LLC
G8N1HDC12SK OMRON-G8N1HDC12SK Datasheet
251Kb / 6P
Ultra-Miniature Automotive PCB Relay
logo
Willow Technologies Ltd
DG20 WILLOW-DG20 Datasheet
215Kb / 2P
ultra miniature automotive pcb relay
DG27 WILLOW-DG27 Datasheet
355Kb / 2P
ultra miniature automotive pcb relay
DG60 WILLOW-DG60 Datasheet
444Kb / 3P
ultra miniature pcb automotive relay
logo
Omron Electronics LLC
G8N1 OMRON-G8N1 Datasheet
139Kb / 6P
Ultra-Miniature Automotive PCB Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com