Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3F2-R2Z2 Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # E3F2-R2Z2
Description  M18 Cylindrical Photoelectric
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3F2-R2Z2 Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button E3F2-R2Z2 Datasheet HTML 6Page - Omron Electronics LLC E3F2-R2Z2 Datasheet HTML 7Page - Omron Electronics LLC E3F2-R2Z2 Datasheet HTML 8Page - Omron Electronics LLC E3F2-R2Z2 Datasheet HTML 9Page - Omron Electronics LLC E3F2-R2Z2 Datasheet HTML 10Page - Omron Electronics LLC E3F2-R2Z2 Datasheet HTML 11Page - Omron Electronics LLC E3F2-R2Z2 Datasheet HTML 12Page - Omron Electronics LLC E3F2-R2Z2 Datasheet HTML 13Page - Omron Electronics LLC E3F2-R2Z2 Datasheet HTML 14Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
E3F2
E3F2
10
Dimensions
Unit: mm (inch)
J PRE-LEADED DC MODELS
Emitter
(or receiver on
through-beam)
16.8 dia.
Diffuse and Retroreflective (DC)
Polyvinyl chloride-covered cord, 4-mm dia. (18/0.12),
4-conductor (brown, blue, black, and pink)
Standard length: 2 m
M18 x 1
5 dia.
Receiver
Sensitivity adjuster on
DS 30 diffuse models only
Light indicator
65 (2.56)
42.3 (1.67)
37 (1.46)
49.3 (1.94)
6.2
(0.24)
22
(0.87)
8
(0.31)
24
(0.94)
3.1
(0.12)
Through-beam (DC)
Emitter:
Polyvinyl chloride-covered cord, 4-mm dia.
(18/0.12), 2-conductor (brown and blue)
Standard length:
2 m
Receiver: Polyvinyl chloride-covered cord, 4-mm dia.
(18/0.12), 4-conductor (brown, blue, black,
and pink)
Standard length:
2 m
E3F2-7
j4-j
E3F2-DS10
j4-j
E3F2-DS30
j4
E3F2-R2
j4
E3F2-R2R
j4-j
E3F2-7L-P1
E3F2-7D-P1
E3F2-7C4-P1, -M1-
j
E3F2-DS10
j4-P1, -M1j
E3F2-DS30
j4-P1, -M1j
E3F2-R2
j-P1
E3F2-R2R
j-M1-j
Optical axis
Lens
Light indicator
Nameplate
10.5 dia.
16.8 dia.
J CONNECTOR DC MODELS
Sensitivity adjuster on
DS 30 diffuse models only
5 dia.
6 dia.
M12 x 1
M18 x 1
16.8
8.2
12.4
(0.49)
6.2
22
(0.87)
5
8
4
42.3 (1.67)
37 (1.46)
49.3 (1.94)
A
B
24
(0.94)
Metal body
Plastic body
E3F2-DS
jjjj-j1
E3F2-DS30
j4-P1
A
76 (2.99)
73 (2.87)
B
65.5 (2.58)
61.7 (2.43)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com