Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3F2-R2Z2 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # E3F2-R2Z2
Description  M18 Cylindrical Photoelectric
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3F2-R2Z2 Datasheet(HTML) 3 Page - Omron Electronics LLC

  E3F2-R2Z2 Datasheet HTML 1Page - Omron Electronics LLC E3F2-R2Z2 Datasheet HTML 2Page - Omron Electronics LLC E3F2-R2Z2 Datasheet HTML 3Page - Omron Electronics LLC E3F2-R2Z2 Datasheet HTML 4Page - Omron Electronics LLC E3F2-R2Z2 Datasheet HTML 5Page - Omron Electronics LLC E3F2-R2Z2 Datasheet HTML 6Page - Omron Electronics LLC E3F2-R2Z2 Datasheet HTML 7Page - Omron Electronics LLC E3F2-R2Z2 Datasheet HTML 8Page - Omron Electronics LLC E3F2-R2Z2 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
E3F2
E3F2
3
J REPLACEMENT PARTS
Description
Part number
Reflector for E3F2-R2
j4 retroreflective sensors
E39-R1
Two plastic M18 mounting nuts
E3F-PHWS
Specifications
J DC SWITCHING MODELS
Part number
E3F2-7C4-
j,
E3F2-7B4-
j
E3F2-R2C4-
j,
E3F2-R2B4-
j
E3F2-R2RC4-
j,
E3F2-R2RB4-
j
E3F2-DS10C4-
j,
E3F2-DS10B4-
j
E3F2-DS30C4-
j,
E3F2-DS30B4-
j
Method of detection
Through-beam
Retroreflective
Diffuse
g
Non-polarized
Polarized
Sensing range
7 m (22.96 ft)
2 m (6.56 ft)
2 m (6.56 ft)
10 cm (3.94 in)
30 cm (11.81 in)
Standard target
11 x 11 mm
56 x 56 mm
5 x 5 cm 90%
Kodak White
Card
10 x 10 cm 90%
Kodak White
Card
Supply voltage
10-30 VDC 10% maximum permissible ripple, peak-to-peak
Output
NPN or PNP open collector, 100 mA, residual voltage 2 V max. at 100 mA
Current consumption
45 mA max.
25 mA max.
Response time
2.5 ms max.
Stabilization on Powerup
50 ms
Ambient temperature
Operating
–25
°C to 55°C (–13°F to 131°F) with no icing
Storage
–30
°C to 70°C (–22°F to 158°F)
Ambient light immunity
Incandescent: 3,000 x; Sunlight: 10,000 x
Relative humidity
Operating
35% to 85% RH, no condensation
y
Storage
35% to 95% RH
Insulation resistance
20 M
Ω at 500 VDC
Dielectric strength
1,000 VAC, 50/60 Hz for 1 min. between current carrying parts and case
Vibration
10 to 55 Hz 1.5 mm double amplitude 1 hr each in X, Y, Z axes
Shock
500 m/s2 (approx. 50 G)
Enclosure
IP67, NEMA 6 for metal versions; IP66 NEMA, 4 for plastic versions
Light source
Infrared LED
Red LED
Infrared LED
Indicators
Power and light received LEDs
Sensitivity adjustment
Fixed
Adjustable
Operation mode
Light-ON or Dark-ON selectable with control wire
Weight
Metal
Pre-leaded 100 g; connector: 60 g
g
Plastic
Pre-leaded 85 g; connector: 40 g
Circuit protection
Output short-circuit and reverse polarity
Materials
Lens
Plastic
Housing
Plastic (ABS),
nickel plated
brass, stainless
steel
Plastic
Nickel plated
brass, stainless
steel
Plastic (ABS), nickel plated brass,
stainless steel
Cable sheath
PVC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com