Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4925XB Datasheet(PDF) 13 Page - Toshiba Semiconductor

Part # TMPR4925XB
Description  64-bit RISC MICROPROCESSOR
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925XB Datasheet(HTML) 13 Page - Toshiba Semiconductor

Back Button TMPR4925XB Datasheet HTML 9Page - Toshiba Semiconductor TMPR4925XB Datasheet HTML 10Page - Toshiba Semiconductor TMPR4925XB Datasheet HTML 11Page - Toshiba Semiconductor TMPR4925XB Datasheet HTML 12Page - Toshiba Semiconductor TMPR4925XB Datasheet HTML 13Page - Toshiba Semiconductor TMPR4925XB Datasheet HTML 14Page - Toshiba Semiconductor TMPR4925XB Datasheet HTML 15Page - Toshiba Semiconductor TMPR4925XB Datasheet HTML 16Page - Toshiba Semiconductor TMPR4925XB Datasheet HTML 17Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
INTEGRATED CIRCUIT
TOSHIBA RISC PROCESSOR
TMPR4925XB
TENTATIVE
EJC-TMPR4925XB-13
26/Dec/01 Rev 0.1
TOSHIBA CORPORATION
3.2 Pin layout
A
B
C
D
E
F
G
H
J
K
20
RAS*
SDCS [0]*
DQM[1]*
DQM[0]*
RP*
DATA[15]
DATA[29]
DATA[28]
DATA[27]
DATA[26]
19
SDCS [1]* DQM[3]*
DQM[2]*
CAS*
DATA[31]
DATA[30]
DATA[13]
DATA[12]
DATA[11]
DATA[10]
18
ADDR[6]
ADDR[5]
VDDS
WE*
VDDS
DATA[14]
VDDC
VDDS
VDDC
VDDC
17
ADDR[8]
ADDR[7]
Vss
Vss
Vss
Vss
Vss
Vss
Vss
Vss
16
ADDR[10]
ADDR[9]
VDDC
VDDS
15
ADDR[13]
ADDR[12]
ADDR[11]
Vss
14
SADDR10
ADDR[14]
VDDC
Vss
13
ADDR[18]
ADDR[19]
ADDR[16]
VDDS
12
SDCS [2]* CKE
ADDR[17]
Vss
11
SDCLK[0]
SDCS [3]*
SCANENB
VDDS
10
SDCLK[1]
RESET*
VDDC
Vss
9
SDCLKIN*
PIO[20]
TRST
PON*
8
PIO[19]
PIO[18]
PIO[23]
VDDS
7
PIO[22]
PIO[21]
VDDC
Vss
6
PIO[27]
PIO[29]
PIO[28]
PIO[30]
5
PIO[24]
PIO[31]
PIO[25]
VDDC
TOP View
4
PIO[26]
TDO
VDDC
Vss
REQ [2]*
VDDS
Vss
VDDS
Vss
VDDS
3
TDI*
TCK
VDDS
GNT [1]*
GNT [3]*
PCIAD[30]
VDDC
PCIAD[25]
IDSEL
PCIAD[21]
2
TMS
GNT [0]*
REQ [0]*
REQ [1]*
REQ [3]*
PCIAD[29]
PCIAD[27]
PCIAD[24]
PCIAD[23]
PCIAD[20]
1
PCICLKIO
PCICLK[1]
PCICLK[2]
GNT [2]*
PCIAD[31]
PCIAD[28]
PCIAD[26]
C BE[3]
PCIAD[22]
PCIAD[19]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com