Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4925XB Datasheet(PDF) 21 Page - Toshiba Semiconductor

Part # TMPR4925XB
Description  64-bit RISC MICROPROCESSOR
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925XB Datasheet(HTML) 21 Page - Toshiba Semiconductor

Back Button TMPR4925XB Datasheet HTML 17Page - Toshiba Semiconductor TMPR4925XB Datasheet HTML 18Page - Toshiba Semiconductor TMPR4925XB Datasheet HTML 19Page - Toshiba Semiconductor TMPR4925XB Datasheet HTML 20Page - Toshiba Semiconductor TMPR4925XB Datasheet HTML 21Page - Toshiba Semiconductor TMPR4925XB Datasheet HTML 22Page - Toshiba Semiconductor TMPR4925XB Datasheet HTML 23Page - Toshiba Semiconductor TMPR4925XB Datasheet HTML 24Page - Toshiba Semiconductor TMPR4925XB Datasheet HTML 25Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
INTEGRATED CIRCUIT
TOSHIBA RISC PROCESSOR
TMPR4925XB
TENTATIVE
EJC-TMPR4925XB-21
26/Dec/01 Rev 0.1
TOSHIBA CORPORATION
SIO Interface
Signal Name
Type
Function
Initial State
CTS [1:0]*
Input
PU*1
SIO Clear to Send
CTS* signals.
The pins are shared with other functions.
PIO input
RTS [1:0]*
Output
PU*1
SIO Request to Send
RTS* signals.
The pins are shared with other functions.
PIO input
RXD[1:0]
Input
PU*1
SIO Receive Data
Serial data input signals.
The pins are shared with other functions.
PIO input
TXD[1:0]
3-state
Output
PU*1
SIO Transmit Data
Serial data output signals.
The pins are shared with other functions.
PIO input
SCLK
Input
PU
External Serial Clock
SIO clock input signal. SIO0 and SIO1 share this signal.
The pin is shared with other functions.
PIO input
*1:
These signals are pulled up for channel 0 only. No pull-up resistor is provided for channel 1.
Timer Interface
Signal Name
Type
Function
Initial State
TIMER[1:0]
Output
PU
Timer Output
Timer output signals.
The pins are shared with other functions.
PIO input
TCLK
Input
PU
External Timer Clock
Timer input clock signal. TMR0, TMR1, and TMR2 share this signal.
The pin is shared with other functions.
PIO input
PIO Interface
Signal Name
Type
Function
Initial State
PIO[31:20]
Input/out
put
PU
PIO Ports[31:20]
Parallel I/O signals.
The pins are shared with other functions, including PC trace.
The boot configuration signal on the TDO pin determines whether the signals are
used for PC trace.
Selected
by TDO
H: PIO
input
L: Output
(PC trace
function)
PIO[19:0]
Input/out
put
PU*1
PIO Ports[19:0]
Parallel I/O signals.
The pins are shared with other functions.
Input
*1:
PIO[17:12] do not have pull-up resistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com