Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSC2229Y Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CSC2229Y
Description  NPN SILICON HIGH VOLTAGE TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSC2229Y Datasheet(HTML) 1 Page - Continental Device India Limited

  CSC2229Y Datasheet HTML 1Page - Continental Device India Limited CSC2229Y Datasheet HTML 2Page - Continental Device India Limited CSC2229Y Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN SILICON HIGH VOLTAGE TRANSISTOR
CSC2229Y
TO-92
BCE
Black & White TV Video Output Amplifier, High Voltage Switching &
Audio Amplifier Driver Stage Applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25deg C unless otherwise specified )
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector -Base Voltage
VCBO
200
V
Collector -Emitter Voltage
VCEO
150
V
Emitter Base Voltage
VEBO
5.0
V
Collector Current
IC
500
mA
Power Dissipation
PD
625
mW
Operating And Storage Junction
Tj, Tstg
-55 to +150
deg C
Temperature Range
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Cut off Current
ICBO
VCB=200V, IE=0
-
-
0.1
uA
Emitter Cut off Current
IEBO
VEB=5V, IC=0
-
-
0.1
uA
Collector -Emitter Voltage
VCEO
IC=1mA, IB=0
150
-
-
V
DC Current Gain
hFE
IC=10mA, VCE=5V
120
-
360
Collector Emitter Saturation Voltage
VCE(Sat)
IC=10mA, IB=1mA
-
-
0.5
V
Base Emitter Saturation Voltage
VBE(Sat)
IC=10mA, IB=1mA
-
-
1.0
V
Dynamic Characteristics
Collector Output Capacitance
Cob
VCB=10V, IE=0,
-
3.5
5.0
pF
f=1MHz
Transition Frequency
ft
VCE=30V,IC=10mA,
-
120
-
MHz
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS16949 and ISO 9001 Certified Company


Similar Part No. - CSC2229Y

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSC2233 CDIL-CSC2233 Datasheet
56Kb / 3P
NPN PLASTIC POWER TRANSISTOR
logo
Rectron Semiconductor
CSC2233 RECTRON-CSC2233 Datasheet
76Kb / 3P
TO-220 - Power Transistors and Darlingtons
CSC2238 RECTRON-CSC2238 Datasheet
76Kb / 3P
TO-220 - Power Transistors and Darlingtons
logo
Continental Device Indi...
CSC2238 CDIL-CSC2238 Datasheet
277Kb / 3P
TO-220 Plastic Package
CSC2240 CDIL-CSC2240 Datasheet
151Kb / 5P
CSA 970 PNP SILICON PLANAR EPITAXIAL TRANSISTORS, CSC 2240 NPN SILICON PLANAR EPITAXIAL TRANSISTORS
More results

Similar Description - CSC2229Y

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT6517LT1 ONSEMI-MMBT6517LT1 Datasheet
99Kb / 8P
High Voltage Transistor(NPN Silicon)
November, 2001 ??Rev. 2
logo
Zowie Technology Corpor...
MMBT5550 ZOWIE-MMBT5550 Datasheet
84Kb / 4P
HIGH VOLTAGE TRANSISTOR NPN SILICON
MMBT5551 ZOWIE-MMBT5551 Datasheet
84Kb / 4P
HIGH VOLTAGE TRANSISTOR NPN SILICON
logo
Micro Commercial Compon...
MMBTA42 MCC-MMBTA42 Datasheet
111Kb / 2P
NPN Silicon High Voltage Transistor
logo
Infineon Technologies A...
SMBTA42M INFINEON-SMBTA42M Datasheet
42Kb / 4P
NPN Silicon High-Voltage Transistor
Nov-30-2001
logo
ON Semiconductor
MMBTA42LT1 ONSEMI-MMBTA42LT1_07 Datasheet
60Kb / 8P
High Voltage Transistor NPN Silicon
June, 2001 ??Rev. 3
logo
Micro Commercial Compon...
MMBTA42 MCC-MMBTA42_11 Datasheet
215Kb / 3P
NPN Silicon High Voltage Transistor
logo
First Components Intern...
FMBTA42 FCI-FMBTA42 Datasheet
73Kb / 3P
NPN SILICON TRANSISTOR HIGH VOLTAGE TRANSISTOR
logo
Continental Device Indi...
CIL2229 CDIL-CIL2229 Datasheet
200Kb / 3P
NPN SILICON HIGH VOLTAGE TRANSISTOR
logo
Micro Commercial Compon...
MMBTA42 MCC-MMBTA42_14 Datasheet
246Kb / 3P
NPN Silicon High Voltage Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com