Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3F2-R2B4 Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # E3F2-R2B4
Description  M18 Cylindrical Photoelectric
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3F2-R2B4 Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button E3F2-R2B4 Datasheet HTML 4Page - Omron Electronics LLC E3F2-R2B4 Datasheet HTML 5Page - Omron Electronics LLC E3F2-R2B4 Datasheet HTML 6Page - Omron Electronics LLC E3F2-R2B4 Datasheet HTML 7Page - Omron Electronics LLC E3F2-R2B4 Datasheet HTML 8Page - Omron Electronics LLC E3F2-R2B4 Datasheet HTML 9Page - Omron Electronics LLC E3F2-R2B4 Datasheet HTML 10Page - Omron Electronics LLC E3F2-R2B4 Datasheet HTML 11Page - Omron Electronics LLC E3F2-R2B4 Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
E3F2
E3F2
8
Operation
J OUTPUT CIRCUITS
Configuration
Model
Connection
method
Output
transistor
Output circuit
NPN
pre-wired
E3F2-7C4
E3F2-7C4-M
E3F2-7C4-C
E3F2-7C4-S
E3F2-R2C4
E3F2-R2RC4-M
E3F2-R2RC4-C
E3F2-R2RC4-S
E3F2-DS10C4-N
E3F2-DS10C4-M
E3F2-DS10C4-C
E3F2 DS10C4 S
Connect the
pink and
brown wires
or open the
pink wire.
ON when
light is
incident.
(Light-ON)
Load
Brown (1) (see note)
100 mA max.
(control output)
Black
(4)
Main
circuit
Light indicator
Red
(Mode selec-
tion)
ZD
10 to
30 VDC
ZD:VZ = 36 V
Blue (3)
Pink (2)
E3F2 DS10C4 C
E3F2-DS10C4-S
E3F2-DS30C4
E3F2-DS30C4-M
E3F2-DS30C4-S
Connect the
pink and
blue wires.
ON when
light is in-
terrupted.
(Dark-ON)
100 mA max.
(control output)
Main
circuit
Red
Blue
Black
(4)
Load
ZD
ZD:VZ = 36 V
10 to
30 VDC
Light indicator
Brown (1)
(Mode selec-
tion)
Blue
(see note)
(3)
Pink (2)
PNP
pre-wired
E3F2-7B4
E3F2-7B4-M
E3F2-7B4-C
E3F2-7B4-S
E3F2-R2B4
E3F2-R2RB4-M
E3F2-R2RB4-C
E3F2-R2RB4-S
E3F2-DS10B4-N
E3F2-DS10B4-M
E3F2-DS10B4-C
Connect the
pink and
brown wires
or open the
pink wire.
ON when
light is
incident.
(Light-ON)
Main
circuit
Light indicator
Red
100 mA max.
(control
output)
Blue
Black
Load
ZD
Brown (1) (see note)
(Mode selection)
ZD:VZ = 36 V
10 to
30 VDC
(4)
(3)
Pink (2)
E3F2-DS10B4-C
E3F2-DS10B4-S
E3F2-DS30B4
E3F2-DS30B4-M
E3F2-DS30B4-S
Connect the
pink and
blue wires.
ON when
light is in-
terrupted.
(Dark-ON)
(Mode selection)
100 mA max.
(control
output)
Blue
Black
Load
ZD
Main
circuit
Light indicator
Red
Brown (1) (see note)
10 to
30 VDC
ZD:VZ = 36 V
Pink
(4)
(3)
(2)
NPN
connector
E3F2-7C4-P1
E3F2-7C4-M1-M
E3F2-7C4-M1-C
E3F2-7C4-M1-S
E3F2-R2C4-P1
E3F2-R2RC4-M1
-M
E3F2-R2RC4-M1
-C
E3F2-R2RC4-M1
-S
E3F2-DS10C4-
P1
Connect the
pink and
brown wires
or open the
pink wire.
ON when
light is
incident.
(Light-ON)
Load
Brown (1) (see note)
100 mA max.
(control output)
Black
(4)
Main
circuit
Light indicator
Red
(Mode selec-
tion)
ZD
10 to
30 VDC
ZD:VZ = 36 V
Pink (2)
Blue (3)
P1
E3F2-DS10C4-
M1-M
E3F2-DS10C4-
M1-C
E3F2-DS10C4-
M1-S
E3F2-DS30C4-
P1
E3F2-DS30C4-
M1-M
E3F2-DS30C4-
M1-S
Connect the
pink and
blue wires.
ON when
light is in-
terrupted.
(Dark-ON)
100 mA max.
(control output)
Main
circuit
Red
Blue
Black
(4)
Load
ZD
ZD:VZ = 36 V
10 to
30 VDC
Light indicator
Brown (1)
(Mode selec-
tion)
Pink (2)
Blue
(see note)
(3)
Note: Terminal numbers are for connector types.
(This table continues on the next page.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com