Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3F2-R2B4 Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # E3F2-R2B4
Description  M18 Cylindrical Photoelectric
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3F2-R2B4 Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button E3F2-R2B4 Datasheet HTML 2Page - Omron Electronics LLC E3F2-R2B4 Datasheet HTML 3Page - Omron Electronics LLC E3F2-R2B4 Datasheet HTML 4Page - Omron Electronics LLC E3F2-R2B4 Datasheet HTML 5Page - Omron Electronics LLC E3F2-R2B4 Datasheet HTML 6Page - Omron Electronics LLC E3F2-R2B4 Datasheet HTML 7Page - Omron Electronics LLC E3F2-R2B4 Datasheet HTML 8Page - Omron Electronics LLC E3F2-R2B4 Datasheet HTML 9Page - Omron Electronics LLC E3F2-R2B4 Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
E3F2
E3F2
6
E3F2-DS30
jj-jj (Diffuse)
X
Y
Distance X (cm)
E3F2-DS10
j4-N
E3F2-DS10
j4-P1
Distance X (mm)
X
Y
15
10
5
0
–5
–10
–15
0
20
40
60
80
100
120
White
paper
(5 x
5 cm)
White
paper
(10 x
10 cm)
J EXCESS GAIN VS. SET DISTANCE (TYPICAL)
E3F2-3
jj-jj (Through-beam)
Distance (m)
DC type
AC type
E3F2-R2
jj-jj (Retroflective, Non-polarized)
Distance (m)
AC type
DC type
Distance (m)
E3F2-R2 and E39-RU1 (Right angle adapter)
0.5
1
1.5
2
3
2.5
0
Distance (m)
E3F2-3 and E39-RU1 (Right angle adapter)
3.5
20.0
18.0
16.0
14.0
12.0
10.0
8.0
6.0
4.0
2.0
1.0
0.0
AC Type
DC Type
AC Type
DC Type
0
12
34
5
6
7
50.0
45.0
40.0
35.0
30.0
25.0
20.0
15.0
10.0
5.0
1.0
0.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com