Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC2G02DP Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # 74HC2G02DP
Description  Dual 2-input NOR gate
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC2G02DP Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button 74HC2G02DP Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC2G02DP Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC2G02DP Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC2G02DP Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC2G02DP Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC2G02DP Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC2G02DP Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HC2G02DP Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74HC2G02DP Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Nexperia
74HC2G02; 74HCT2G02
Dual 2-input NOR gate
VM
VM
tW
tW
10 %
90 %
0 V
VI
VI
negative
pulse
positive
pulse
0 V
VM
VM
90 %
10 %
tf
tr
tr
tf
001aad983
DUT
VCC
VCC
VI
VO
RT
RL
S1
CL
open
G
Test data is given in Table 10.
Definitions for test circuit:
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
CL = Load capacitance including jig and probe capacitance.
RL = Load resistance.
S1 = Test selection switch.
Fig. 6. Test circuit for measuring switching times
Table 10. Test data
Input
Load
S1 position
Type
VI
tr, tf
CL
RL
tPHL, tPLH
74HC2G02
GND to VCC
≤ 6 ns
15 pF, 50 pF
1 kΩ
open
74HCT2G02
GND to 3 V
≤ 6 ns
15 pF, 50 pF
1 kΩ
open
74HC_HCT2G02
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Product data sheet
Rev. 6 — 26 July 2018
7 / 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com