Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC2G02DP Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # 74HC2G02DP
Description  Dual 2-input NOR gate
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC2G02DP Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  74HC2G02DP Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC2G02DP Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC2G02DP Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC2G02DP Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC2G02DP Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC2G02DP Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC2G02DP Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC2G02DP Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC2G02DP Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Nexperia
74HC2G02; 74HCT2G02
Dual 2-input NOR gate
5. Functional diagram
001aah780
1A
1B
1Y
2A
2B
2Y
Fig. 1. Logic symbol
001aah781
1
1
Fig. 2. IEC logic symbol
mna105
B
A
Y
Fig. 3. Logic diagram (one gate)
6. Pinning information
6.1. Pinning
74HC2G02
74HCT2G02
1A
VCC
1B
1Y
2Y
2B
GND
2A
001aak016
1
2
3
4
6
5
8
7
Fig. 4. Pin configuration SOT505-2 (TSSOP8) and SOT765-1 (VSSOP8)
6.2. Pin description
Table 3. Pin description
Symbol
Pin
Description
1A, 2A
1, 5
data input
1B, 2B
2, 6
data input
GND
4
ground (0 V)
1Y, 2Y
7, 3
data output
VCC
8
supply voltage
7. Functional description
Table 4. Function table
H = HIGH voltage level; L = LOW voltage level.
Input
Output
nA
nB
nY
L
L
H
L
H
L
H
L
L
H
H
L
74HC_HCT2G02
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Product data sheet
Rev. 6 — 26 July 2018
2 / 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com