Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS5421 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # LS5421
Description  5 mm (T1 쩐) LED, Non Diffused Super-Bright LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

LS5421 Datasheet(HTML) 4 Page - Infineon Technologies AG

  LS5421 Datasheet HTML 1Page - Infineon Technologies AG LS5421 Datasheet HTML 2Page - Infineon Technologies AG LS5421 Datasheet HTML 3Page - Infineon Technologies AG LS5421 Datasheet HTML 4Page - Infineon Technologies AG LS5421 Datasheet HTML 5Page - Infineon Technologies AG LS5421 Datasheet HTML 6Page - Infineon Technologies AG LS5421 Datasheet HTML 7Page - Infineon Technologies AG LS5421 Datasheet HTML 8Page - Infineon Technologies AG LS5421 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
2000-03-01
4
OPTO SEMICONDUCTORS
LS 5421, LO 5411, LY 5421, LG 5411
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
LS
LO
LY
LG
Wellenlänge des emittierten Lichtes
(typ.)
Wavelength at peak emission
I
F = 10 mA
λ
peak
635
610
586
565
nm
Dominantwellenlänge
(typ.)
Dominant wavelength
I
F = 10 mA
λ
dom
628
605
590
570
nm
Spektrale Bandbreite bei 50 %
I
rel max
(typ.)
Spectral bandwidth at 50 %
I
rel max
I
F = 10 mA
∆λ
45
40
45
25
nm
Abstrahlwinkel bei 50 %
I
V (Vollwinkel)
(typ.)
Viewing angle at 50 %
I
V
2
ϕ
20
20
20
20
Grad
deg.
Durchlaßspannung
(typ.)
Forward voltage
(max.)
I
F = 10 mA
V
F
V
F
2.0
2.6
2.0
2.6
2.0
2.6
2.0
2.6
V
V
Sperrstrom
(typ.)
Reverse current
(max.)
V
R = 5 V
I
R
I
R
0.01
10
0.01
10
0.01
10
0.01
10
µA
µA
Temperaturkoeffizient von
λ
peak
(typ.)
Temperature coefficient of
λ
peak
I
F = 10 mA
TCλpeak
0.11
0.12
0.10
0.11
nm/K
Temperaturkoeffizient von
λ
dom
(typ.)
Temperature coefficient of
λ
dom
I
F = 10 mA
TCλdom
0.07
0.07
0.07
0.07
nm/K
Temperaturkoeffizient von
V
F
(typ.)
Temperature coefficient of
V
F
I
F = 10 mA
TC
V
– 1.9
– 1.9
– 1.9
– 1.4
mV/K
Optischer Wirkungsgrad
(typ.)
Optical efficiency
I
F = 10 mA
η
opt
1.5
1.5
1.5
2.5
lm/W



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com