Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS5421 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # LS5421
Description  5 mm (T1 쩐) LED, Non Diffused Super-Bright LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

LS5421 Datasheet(HTML) 2 Page - Infineon Technologies AG

  LS5421 Datasheet HTML 1Page - Infineon Technologies AG LS5421 Datasheet HTML 2Page - Infineon Technologies AG LS5421 Datasheet HTML 3Page - Infineon Technologies AG LS5421 Datasheet HTML 4Page - Infineon Technologies AG LS5421 Datasheet HTML 5Page - Infineon Technologies AG LS5421 Datasheet HTML 6Page - Infineon Technologies AG LS5421 Datasheet HTML 7Page - Infineon Technologies AG LS5421 Datasheet HTML 8Page - Infineon Technologies AG LS5421 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2000-03-01
2
OPTO SEMICONDUCTORS
LS 5421, LO 5411, LY 5421, LG 5411
Helligkeitswerte werden mit einer Stromeinprägedauer von 25 ms und einer Genauigkeit von ±11 %
ermittelt.
Luminous intensity is tested at a current pulse duration of 25 ms and an accuracy of ±11 %.
Typ
Type
Emissions-
farbe
Color of
Emission
Gehäuse-
farbe
Color of
Package
Lichtstärke
Luminous
Intensity
I
F = 10 mA
I
V (mcd)
Lichtstrom
Luminous
Flux
I
F = 10 mA
Φ
Φ
Φ
Φ
V (mlm)
Bestellnummer
Ordering Code
LS 5421-NR
LS 5421-Q
LS 5421-R
LS 5421-S
LS 5421-QT
super-red
red clear
28 ... 180
71 ... 112
112 ... 180
180 ... 280
71 ... 450
20 (typ.)
20 (typ.)
30 (typ.)
50 (typ.)
60 (typ.)
Q62703-Q1994
Q62703-Q1442
Q62703-Q1738
Q62703-Q2405
Q62703-Q1995
LO 5411-QT
LO 5411-R
LO 5411-S
LO 5411-T
LO 5411-RU
orange
colorless clear
71 ... 450
112 ... 180
180 ... 280
280 ... 450
112 ... 710
70 (typ.)
20 (typ.)
30 (typ.)
50 (typ.)
60 (typ.)
Q62703-Q3928
Q62703-Q3929
Q62703-Q3930
Q62703-Q3931
Q62703-Q3932
LY 5421-NR
LY 5421-Q
LY 5421-R
LY 5421-S
LY 5421-QT
yellow
yellow clear
28 ... 180
71 ... 112
112 ... 180
180 ... 280
71 ... 450
20 (typ.)
20 (typ.)
30 (typ.)
50 (typ.)
60 (typ.)
Q62703-Q1444
Q62703-Q1446
Q62703-Q2005
Q62703-Q2632
Q62703-Q1447
LG 5411-NR
LG 5411-Q
LG 5411-R
LG 5411-S
LG 5411-QT
green
colorless clear
28 ... 180
71 ... 112
112 ... 180
180 ... 280
71 ... 450
20 (typ.)
20 (typ.)
30 (typ.)
50 (typ.)
60 (typ.)
Q62703-Q2023
Q62703-Q1739
Q62703-Q1451
Q62703-Q2321
Q62703-Q2024



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com