Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1663 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # UPC1663
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1663 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button UPC1663 Datasheet HTML 3Page - Renesas Technology Corp UPC1663 Datasheet HTML 4Page - Renesas Technology Corp UPC1663 Datasheet HTML 5Page - Renesas Technology Corp UPC1663 Datasheet HTML 6Page - Renesas Technology Corp UPC1663 Datasheet HTML 7Page - Renesas Technology Corp UPC1663 Datasheet HTML 8Page - Renesas Technology Corp UPC1663 Datasheet HTML 9Page - Renesas Technology Corp UPC1663 Datasheet HTML 10Page - Renesas Technology Corp UPC1663 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Data Sheet G11024EJ6V0DS00
5
µµµµPC1663
TEST CIRCUIT
50
Ω
1 000 pF
µ
µ
µ
1 k
Ω
VCC
–
0.1 F
1
2
3
4
8
7
6
5
50
Ω
IN
ZS = 50
Ω
ZL =
50
Ω
OUT
1 000 pF
950
Ω
0.1 F
0.1 F
VCC+
Remark Measurement value at
OUT connector should
be converced into DUT’s
output value at pin 5.
Remark
Definition and test circuit of each characteristic should be referred to application note ‘Usage of
µPC1663 (Document No. G12290E)’.
NOTES ON CORRECT USE
(1)
Observe precautions for handling because of electro-static sensitive devices.
(2)
Form a ground pattern as wide as possible to minimize ground impedance (to prevent undesired
oscillation).
(3)
The bypass capacitor should be attached to VCC line.
(4)
When gain between Gain 1 and Gain 2 is necessary, insert adjustment resistor (0 to 10 k
Ω
Ω
Ω
Ω) between
G1A and G1B to determine gain value.
(5)
Due to high-frequency characteristics, the physical circuit layout is very critical. Supply voltage line
bypass, double-sided printed-circuit board, and wide-area ground line layout are necessary for stable
operation. Two signal resistors connected to both inputs and two load resistors connected to both
outputs should be balanced for stable operation.
50
Ω
50
Ω
(150
Ω to ∞)
(150
Ω to ∞)
VCC+
VCC–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com