Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1663 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # UPC1663
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1663 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button UPC1663 Datasheet HTML 4Page - Renesas Technology Corp UPC1663 Datasheet HTML 5Page - Renesas Technology Corp UPC1663 Datasheet HTML 6Page - Renesas Technology Corp UPC1663 Datasheet HTML 7Page - Renesas Technology Corp UPC1663 Datasheet HTML 8Page - Renesas Technology Corp UPC1663 Datasheet HTML 9Page - Renesas Technology Corp UPC1663 Datasheet HTML 10Page - Renesas Technology Corp UPC1663 Datasheet HTML 11Page - Renesas Technology Corp UPC1663 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Data Sheet G11024EJ6V0DS00
6
µµµµPC1663
TYPICAL CHARACTERISTICS (Unless otherwise specified TA = +25 °C)
60
50
40
30
20
10
0
100 K
1 M
10 M
100 M
SINGLE-ENDED VOLTAGE GAIN vs. FREQUENCY
Frequency f (Hz)
Remark Differential voltage gain is double of
single-ended voltage gain.
Gain 1
Gain 2
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.1
RELATIVE VOLTAGE GAIN vs. OPERATING
AMBIENT TEMPERATURE
±2
Supply Voltage VCC± (V)
±3
±4
±5
±6
±7
±8
Gain 2
Gain 1
1.05
1.00
0.95
0.90
RELATIVE GAIN vs. OPERATING AMBIENT
TEMPERATURE
–20
0
+50
+80
+20
Operating Ambient Temperature TA (
°C)
Remark Relative voltage gains are described based on gains 1.00 at TA = +25
°C, VCC± = ±6 V
Gain 2
Gain 1
4.0
3.5
3.0
2.5
OUTPUT SINK CURRENT vs. OPERATING
AMBIENT TEMPERATURE
–20
0
+50
+80
+20
Operating Ambient Temperature TA (
°C)
VCC± =
± 6 V
VCC±=
±6 V
VCC± =
±6 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com