Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LO5411-R Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # LO5411-R
Description  5 mm (T1 쩐) LED, Non Diffused Super-Bright LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

LO5411-R Datasheet(HTML) 1 Page - Infineon Technologies AG

  LO5411-R Datasheet HTML 1Page - Infineon Technologies AG LO5411-R Datasheet HTML 2Page - Infineon Technologies AG LO5411-R Datasheet HTML 3Page - Infineon Technologies AG LO5411-R Datasheet HTML 4Page - Infineon Technologies AG LO5411-R Datasheet HTML 5Page - Infineon Technologies AG LO5411-R Datasheet HTML 6Page - Infineon Technologies AG LO5411-R Datasheet HTML 7Page - Infineon Technologies AG LO5411-R Datasheet HTML 8Page - Infineon Technologies AG LO5411-R Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LS 5421, LO 5411, LY 5421, LG 5411
5 mm (T1 ¾) LED, Non Diffused
Super-Bright LED
2000-03-01
1
OPTO SEMICONDUCTORS
Besondere Merkmale
• Gehäusetyp: klares 5 mm (T1 ¾) Gehäuse,
eingefärbt (super-rot und gelb), nicht
eingefärbt (orange und grün)
• Besonderheit des Bauteils: enge
Abstrahlcharakteristik
• Wellenlänge: 628 nm (super-rot),
590 nm (gelb), 570 nm (grün)
• Abstrahlwinkel: engwinklig (20°)
• Technologie: GaAlP
• optischer Wirkungsgrad: 1,5 lm/W (super-rot,
orange, gelb), 2,5 lm/W (grün)
• Gruppierungsparameter: Lichtstärke
• Lötmethode: Wellenlöten (TTW)
• Verpackung: Schüttgut, gegurtet lieferbar
Anwendungen
• optischer Indikator
• Hinterleuchtung (LCD, Schalter, Tasten,
Displays, Werbebeleuchtung,
Allgemeinbeleuchtung)
• Innenbeleuchtung im Automobilbereich
(z.B. Tastenhinterleuchtung, u.ä.)
• Ersatz von Kleinst-Glühlampen
Features
• package: clear 5 mm (T1 ¾) package, colored
(super-red and yellow), colorless (orange and
green)
• feature of the device: narrow viewing angle
• wavelength: 628 nm (super-red),
590 nm (yellow), 570 nm (green)
• viewing angle: narrow (20°)
• technology: GaAlP
• optical efficiency: 1.5 lm/W (super-red,
orange, yellow), 2.5 lm/W (green)
• grouping parameter: luminous intensity
• soldering methods: TTW soldering
• packing: bulk, available taped on reel
Applications
• optical indicators
• backlighting (LCD, switches, keys, displays,
illuminated advertising, general lighting)
• interior automotive lighting. (e.g. key
backlighting, etc.)
• substitution of micro incandescent lamps


Similar Part No. - LO5411-R

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LO5411-R SIEMENS-LO5411-R Datasheet
405Kb / 8P
5 mm T1 3/4 LED, Non Diffused Super-Bright LED
LO5411-RU SIEMENS-LO5411-RU Datasheet
405Kb / 8P
5 mm T1 3/4 LED, Non Diffused Super-Bright LED
More results

Similar Description - LO5411-R

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LH3344 SIEMENS-LH3344 Datasheet
283Kb / 7P
3 mm (T1) LED, Non Diffused, Super-Bright, Hyper-Red GaAIAs-LED
LH5424 SIEMENS-LH5424 Datasheet
284Kb / 7P
5 mm T1 3/4 LED, Non Diffused Super-Bright, Hyper-Red GaAIAs-LED
LH5464 SIEMENS-LH5464 Datasheet
284Kb / 7P
5 mm T1 3/4 LED, Diffused Super-Bright, Hyper-Red GaAIAs-LED
LS3336 SIEMENS-LS3336 Datasheet
52Kb / 7P
Hyper 3 mm T1 LED, Non Diffused Hyper-Bright LED
LS3341 SIEMENS-LS3341 Datasheet
320Kb / 7P
3 mm T1 LED, Non Diffused Super-Bright LED
LS5421 SIEMENS-LS5421 Datasheet
405Kb / 8P
5 mm T1 3/4 LED, Non Diffused Super-Bright LED
LS5436 SIEMENS-LS5436 Datasheet
64Kb / 6P
Hyper 5 mm T1 LED, Non Diffused Hyper-Bright LED
LSK376 SIEMENS-LSK376 Datasheet
364Kb / 7P
Hyper ARGUS LED Hyper-Bright, 3 mm T1 LED, Non Diffused
logo
OSRAM GmbH
LW3333 OSRAM-LW3333 Datasheet
198Kb / 12P
Hyper 3 mm (T1) LED, Non Diffused Hyper-Bright LED
LB5433 OSRAM-LB5433 Datasheet
121Kb / 11P
Hyper 5 mm (T1 쩐) LED, Non Diffused Hyper-Bright LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com