Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1862GS Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # UPC1862GS
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1862GS Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button UPC1862GS Datasheet HTML 9Page - Renesas Technology Corp UPC1862GS Datasheet HTML 10Page - Renesas Technology Corp UPC1862GS Datasheet HTML 11Page - Renesas Technology Corp UPC1862GS Datasheet HTML 12Page - Renesas Technology Corp UPC1862GS Datasheet HTML 13Page - Renesas Technology Corp UPC1862GS Datasheet HTML 14Page - Renesas Technology Corp UPC1862GS Datasheet HTML 15Page - Renesas Technology Corp UPC1862GS Datasheet HTML 16Page - Renesas Technology Corp UPC1862GS Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
11
µPC1862
(6/12)
Pin No.
Symbol
Pin Name
Equivalent Circuit
Function
16
VCOO
VCO Output
Burst locked VCO output
DC voltage of a standard
2.8 V
17
DIVS
Dividing ratio selec-
Divider ratio selection input
tion
When 1/4: Low level input
When 1/8: High level input
When external dividing: Middle
level input
18
ESCI
External subcarrier
External subcarrier input.
Input
When no use (pin 17 is not middle
(External Divide)
level): Low level input
CVCC2
(pin 14)
5 k
Ω
400 A
16
µ
17
100 A
100 A
CVCC3
(pin 15)
25 k
Ω
25 k
Ω
10 k
Ω
16 k
Ω
16 k
Ω
16 k
Ω
16 k
Ω
µµ
18
CVCC3
(pin 15)
100 A
25 k
Ω
5 k
Ω
22 k
Ω
2.5 V
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com