Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1862GS Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # UPC1862GS
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1862GS Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button UPC1862GS Datasheet HTML 17Page - Renesas Technology Corp UPC1862GS Datasheet HTML 18Page - Renesas Technology Corp UPC1862GS Datasheet HTML 19Page - Renesas Technology Corp UPC1862GS Datasheet HTML 20Page - Renesas Technology Corp UPC1862GS Datasheet HTML 21Page - Renesas Technology Corp UPC1862GS Datasheet HTML 22Page - Renesas Technology Corp UPC1862GS Datasheet HTML 23Page - Renesas Technology Corp UPC1862GS Datasheet HTML 24Page - Renesas Technology Corp UPC1862GS Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
19
µPC1862
ELECTRICAL CHARACTERISTICS (at TA = 25
±3 °C, RH ≤ 70 %, VCC = 5 V, unless otherwise specified)
Chroma section
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Supply current
ICC (C)
VCC (C) = 5 V
17
21
25
mA
of chroma section
No current on pin 2, 14 and 15
ACC amplitude
ACC1
Fluctuation of chroma output level at +6 dB
–2.0
0
+2.0
dB
characteristic 1
change of chroma input burst signal
(0 dB = 150 mVp-p)
ACC amplitude
ACC2
Fluctuation of chroma output level at –20 dB
–5.0
–1.0
+1.0
dB
characteristic 2
change of chroma input burst signal
(0 dB = 150 mVp-p)
Color killer set point
eKS
Input level at killer ON with chroma input burst
–45
–39
–33
dB
sig. (0 dB = 150 mVp-p) being attenuated
Color residual of color killer
eKR
Residual level of chroma output in Killer ON
-
-
15
mVp-p
state when chroma input burst signal of
150 mVp-p is input
Chroma output level
ECOUT
Chroma output level when chroma input burst
1.1
1.3
1.5
Vp-p
signal of 150 mVp-p is input
Color killer output
ECKOH (1)
High level of color killer output at color killer
2.7
3.5
-
V
High level (1)
OFF
IOH = –400
µA
Color killer output
ECKOH (2)
High level of color killer output at color killer
3.5
4.0
-
V
High level (2)
OFF
IOH = –20
µA
Color killer output
ECKOL
Low level of color killer output at color killer ON
-
0.2
0.4
V
Low level
IOL = +2 mA
APC lock-in range
fP
Frequency pulled by APC with chroma input
±400
±600
-
Hz
burst frequency changed (fSC conversion)
VCO control sensitivity
βP
Rate of variation of frequency when APC filter
8.0
10.0
12.0
Hz/mV
pin is changed from –0.025 V to +0.025 V
(fSC conversion)
Phase variable range
θCONT
Amount of phase shift when voltage of phase
±40
±55
-
deg
control pin is set at 2.5 V + 1 V
VCO output level
eVCOO
VCO output level when chroma input burst
1.0
1.3
1.6
Vp-p
signal of 150 mVp-p is input
fSC output level
eSCO
fSCO output level when chroma input burst
210
300
390
mVp-p
signal of 150 mVp-p is input
Divider select voltage
VDIVSL
1/4 freq. division if VDIVS < VDIVSL
-
-
0.5
V
VDIVSH
EXT IN with VDIVS : OPEN
4.5
-
-
V
1/8 freq. division if VDIVSH < VDIVS
NTSC/PAL select voltage
VN/PT
fV = 60 Hz if VN/P < VN/PT
1.7
2.0
2.3
V
fV = 50 Hz if VN/PT < VN/P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com