Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CRT-40K70-R Datasheet(PDF) 1 Page - Teledyne Technologies Incorporated

Part # CRT-40K70-R
Description  DC–40 GHz, Terminated Latching SPDT Coaxial Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CRT-40K70-R Datasheet(HTML) 1 Page - Teledyne Technologies Incorporated

  CRT-40K70-R Datasheet HTML 1Page - Teledyne Technologies Incorporated CRT-40K70-R Datasheet HTML 2Page - Teledyne Technologies Incorporated CRT-40K70-R Datasheet HTML 3Page - Teledyne Technologies Incorporated CRT-40K70-R Datasheet HTML 4Page - Teledyne Technologies Incorporated CRT-40K70-R Datasheet HTML 5Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2023 TELEDYNE COAX SWITCHES
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
Page 1
CCRT-40\CRT-40\032023
Series CCRT-40/CRT-40
DC–40 GHz, Terminated
Latching SPDT Coaxial Switch
COAX SWITCHES
+1 (800) 284-7007 • www.teledynerelays.com
ELECTRICAL CHARACTERISTICS
RF Contacts
Break before make
Frequency Range
DC – 40 GHz
Characteristic Impedance
50Ω
Terminations
50Ω, 2 Watts CW max
Switching Time
20 ms max
Actuation Voltage (VDC) 20°C
12
15 24 28
Actuation Current (mA)
420 350 250 200
TTL/Decoders Voltage/Current1
Low Level (Logic 0)
High Level (Logic 1)
0.0 ~ 0.7 V / 3.2 mA Max at 0.7 V
2.4 ~ 5.5 V / 80 µA Max at 2.4 V
Indicator Contact Rating2
30 Vdc, 50 mA max
Magnetic Sensitivity
5 Gauss, 0.5 inch max
1. For switches with TTL driver or decoder
2. For switches with indicator
ENVIRONMENTAL AND PHYSICAL CHARACTERISTICS
Storage Temperature
–55°C to 90°C
Operating Temperature
CCRT-40K
CRT-40K
CRT-40K w/ indicator contacts
–25°C to 65°C
–55°C to 85°C
–45°C to 85°C
Vibration1 , 10 ~ 2000 Hz, 300 s
MIL-STD-202 Method 204, Condition C
10 G peak
Shock, Half-Sine Pulse
MIL-STD-202 Method 213, Condition D
500 G peak
Moisture Resistance2
95% RH
Non-condensing
Mechanical Life
5,000,000 cycles (min)
Mechanical Life w/ Additional Features
1,000,000 cycles (min)
Connector Type
2.92 mm (K)
Weight
2.65 oz. max (75.12 g)
1. Non-operating
2. When moisture seal option is selected
PART NUMBERING SYSTEM
Connectors
2.92 mm (K) Female
Actuator Voltages
6: 28 VDC
7: 15 VDC
8: 12 VDC
9: 24 VDC
Actuator Types
0: Standard Contacts
C: Indicator Contacts
D: Self Cut-Off
E: Indicator Contacts
and Self Cut-Off
Available Options
T: TTL Driver
D: Transient Suppression and
Polarity Protection Diodes
R: Positive (+) Common or
Reverse Polarity
M: Moisture Seal
S: 9-Pin D-Sub Connector
(Male)
Actuator Voltage
CCRT-40 K 6 C - T
Series
Connectors
Actuator Type
Options
Contact factory for additional options and custom configurations.
PARTNUMBER DESCRIPTION
CCRT-40
Commercial, Terminated DC-40GHz, Latching, SPDT Coaxial switch
CRT-40
Elite, Terminated DC-40GHz, Latching, SPDT Coaxial switch
The CCRT/CRT-40 is an internally terminated, broadband, SPDT, electromechanical coaxial switch
designed to switch a microwave signal from a common input to either of two outputs. This series switch is
offered with a latching actuator to switch between female K connectors The switches are available in the
frequency range from DC to 40GHz featuring excellent RF and mechanical performance with broadband
operation, high isolation and low insertion loss. The characteristic impedance is 50Ω. Internal terminations
provide an impedance match for the unselected port, making it ideal for applications where port matching
is required.
RF CHARACTERISTICS
Frequency
DC–6 GHz
6–12 GHz
12–18 GHz
18–26.5 GHz
26.5-34 GHz
34-40 GHz
Insertion Loss (max)
0.2 dB
0.3 dB
0.5 dB
0.6 dB
0.7 dB
0.7 dB
Isolation (min)
80 dB
75 dB
70 dB
70 dB
60 dB
60 dB
VSWR (max)
1.20:1
1.30:1
1.50:1
1.60:1
1.60:1
1.60:1
Please see charts on page 3.


Similar Part No. - CRT-40K70-R

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
CRT-09-001 ADAM-TECH-CRT-09-001 Datasheet
140Kb / 1P
9 PIN CRT SOCKET
logo
SOVICO corp.
CRT-2400 SOVICO-CRT-2400 Datasheet
271Kb / 1P
2.4GHz Radio Transceiver Product Specifications
CRT-2400CE SOVICO-CRT-2400CE Datasheet
271Kb / 1P
2.4GHz Radio Transceiver Product Specifications
logo
Teledyne Technologies I...
CRT-33S TELEDYNE-CRT-33S Datasheet
575Kb / 8P
Latching SPDT Coaxial Switch
CRT-33SX0 TELEDYNE-CRT-33SX0 Datasheet
575Kb / 8P
Latching SPDT Coaxial Switch
More results

Similar Description - CRT-40K70-R

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HMMC-2007 HP-HMMC-2007 Datasheet
79Kb / 6P
DC-8 GHz Terminated SPDT Switch
logo
Tyco Electronics
MASWSS0180 MACOM-MASWSS0180 Datasheet
177Kb / 3P
GaAs SPDT Terminated Switch DC - 2.5 GHz
SW-338 MACOM-SW-338 Datasheet
172Kb / 3P
GaAs SPDT Terminated Switch DC - 2.5 GHz
logo
Hexawave, Inc
HWS429 HW-HWS429 Datasheet
88Kb / 3P
GaAs DC-3 GHz SPDT Terminated Switch
logo
Teledyne Technologies I...
CCP-32N TELEDYNE-CCP-32N Datasheet
408Kb / 6P
Latching SPDT Coaxial Switch
CCP-33S TELEDYNE-CCP-33S Datasheet
382Kb / 6P
Latching SPDT Coaxial Switch
CCRT-33S TELEDYNE-CCRT-33S Datasheet
575Kb / 8P
Latching SPDT Coaxial Switch
CR-33K TELEDYNE-CR-33K Datasheet
576Kb / 8P
Latching SPDT Coaxial Switch
CR-33M TELEDYNE-CR-33M Datasheet
495Kb / 7P
Latching SPDT Coaxial Switch
CCR-53S TELEDYNE-CCR-53S Datasheet
631Kb / 9P
Latching SPDT Coaxial Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com