Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AXP8T245 Datasheet(PDF) 21 Page - Nexperia B.V. All rights reserved

Part # 74AXP8T245
Description  8-bit dual supply translating transceiver; 3-state
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AXP8T245 Datasheet(HTML) 21 Page - Nexperia B.V. All rights reserved

Back Button 74AXP8T245 Datasheet HTML 17Page - Nexperia B.V. All rights reserved 74AXP8T245 Datasheet HTML 18Page - Nexperia B.V. All rights reserved 74AXP8T245 Datasheet HTML 19Page - Nexperia B.V. All rights reserved 74AXP8T245 Datasheet HTML 20Page - Nexperia B.V. All rights reserved 74AXP8T245 Datasheet HTML 21Page - Nexperia B.V. All rights reserved 74AXP8T245 Datasheet HTML 22Page - Nexperia B.V. All rights reserved 74AXP8T245 Datasheet HTML 23Page - Nexperia B.V. All rights reserved 74AXP8T245 Datasheet HTML 24Page - Nexperia B.V. All rights reserved 74AXP8T245 Datasheet HTML 25Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
Nexperia
74AXP8T245
8-bit dual supply translating transceiver; 3-state
11. Application information
11.1. Unidirectional logic level-shifting application
The circuit given in Fig. 15 is an example of the 74AXP8T245 being used in an unidirectional logic
level-shifting application.
aaa-029981
74AXP8T45
VCC(A)
VCC1
VCC2
1
23,24
VCC(B)
VCC1
GND
system-1
11,12,13
2 DIR
OE
An 3,4,5,6,7,8,9,10
22
14,15,16,17,18,19,20,21 Bn
VCC2
system-2
Schematic given for one channel.
Fig. 15. Unidirectional logic level-shifting application
Table 16. Description unidirectional logic level-shifting application
Name
Function
Description
VCC(A)
VCC1
supply voltage of system-1 (0.9 V to 5.5 V)
GND
GND
device GND
A
OUT
output level depends on VCC1 voltage
B
IN
input threshold value depends on VCC2 voltage
DIR
DIR
the GND (LOW level) determines B port to A port direction
VCC(B)
VCC2
supply voltage of system-2 (0.9 V to 5.5 V)
OE
OE
The GND (LOW level) enables the output ports
74AXP8T245
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2020. All rights reserved
Product data sheet
Rev. 1 — 11 February 2020
21 / 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com