Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTPH107M035P1C Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MTPH107M035P1C
Description  Wet Tantalum Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MTPH107M035P1C Datasheet(HTML) 1 Page - Vishay Siliconix

  MTPH107M035P1C Datasheet HTML 1Page - Vishay Siliconix MTPH107M035P1C Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
For technical questions, contact wettants@vishay.com
Document Number: 40060
Revision 02-Sep-03
www.vishay.com
74
MTPH
Vishay
Wet Tantalum Capacitors
FEATURES
• Maximum CV/unit volume
• Ruggedized construction
•Very low dissipation factor
•Very low DC leakage
• 100% “hot” 85°C DCL screening
• 100% voltage age at 85°C - 48 hours
• Quality assurance testing on each production lot
to MIL-STD-202
• Accelerated life: 0.65%/AQL
• Recorded available test data
• Reliability: 0.1%/1000 hours
PERFORMANCE CHARACTERISTICS
Operating Temperature: - 55°C to + 85°C
Voltage Range: 6 to 60VDC
Reverse Voltage: None
Capacitance Range: 4.7µF to 470µF
Tolerance Range: ± 10%, ± 20%
DC Leakage: At + 25°C - 2.0µA max
At + 85°C - 6.0 to 10.0µA max
Case Sizes: (Three) 0.115 x 0.403 to 0.225 x 0.778
MAX RMS RIPPLE CURRENT AT 85°C
Case Code
AB
C
Milliamps
12.5
50
140
APPLICATIONS
•Timing circuit
• Filter coupling
• Energy storage
• By-pass circuits
DIMENSIONS in inches [millimeters]
APPROX WEIGHT
CASE
D
L
GRAMS*
A
0.115 (2.92)
0.403 (10.23)
0.50
B
0.145 (3.68)
0.600 (15.24)
1.00
C
0.225 (5.72)
0.778 (19.76)
2.60
*1 Gram = 0.035oz
1.500 ± 0.250
(38.1 ± 6.35)
LEAD DIAM.
0.020 ± 0.001
CASE INSULATED
RED EPOXY TO
INDICATE POSITIVE LEAD END
L MAX.
D MAX.
1.500 ± 0.250
(38.1 ± 6.35)
ORDERING INFORMATION
MTPH
156
K
020
P
1
A
MTPH
CAPACITANCE
CAPACITANCE
DC VOLTAGE
CASE
STYLE
CASE SIZE
SERIES
CODE
TOLERANCE
RATING
CODE
NUMBER
CODE
Subminiature/
This is expressed in
M = ± 20%
This is expressed in
P = Polar
1 = Mylar Sleeve
High Reliability
Picofarads. The first
K = ± 10%
volts. To complete
two digits are the
the three-digit block,
significant figures. The
zeros precede the
third digit is the number of
voltage rating.
zeros to follow.


Similar Part No. - MTPH107M035P1C

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
MTPH48K1 SWITCH-MTPH48K1 Datasheet
772Kb / 2P
MTPH/TTPH Harness Series
MTPH48K1NO SWITCH-MTPH48K1NO Datasheet
772Kb / 2P
MTPH/TTPH Harness Series
MTPH48K1NO SWITCH-MTPH48K1NO Datasheet
9Mb / 101P
Pro Audio & Broadcast Catalog Sixth Edition
MTPH48K1NS SWITCH-MTPH48K1NS Datasheet
772Kb / 2P
MTPH/TTPH Harness Series
MTPH48K1NS SWITCH-MTPH48K1NS Datasheet
9Mb / 101P
Pro Audio & Broadcast Catalog Sixth Edition
More results

Similar Description - MTPH107M035P1C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MTP VISHAY-MTP Datasheet
87Kb / 2P
Wet Tantalum Capacitors Subminiature, Axial Leads
24-Jul-02
134D687X9050K6 VISHAY-134D687X9050K6 Datasheet
94Kb / 4P
Wet Tantalum HI-TMP Capacitors Tantalum Case
21-Mar-13
135D566X9125K2 VISHAY-135D566X9125K2 Datasheet
171Kb / 14P
Wet Tantalum Capacitors Tantalum-Case
09-Apr-13
135D826X9125K6 VISHAY-135D826X9125K6 Datasheet
171Kb / 14P
Wet Tantalum Capacitors Tantalum-Case
09-Apr-13
93026-38KS VISHAY-93026-38KS Datasheet
72Kb / 4P
DSCC 93026 SuperTan Wet Tantalum Capacitors
01-Feb-12
136D VISHAY-136D Datasheet
109Kb / 7P
Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for -55 °C to 125 °C Operation, Low ESR
05-Dec-14
DLA19001 VISHAY-DLA19001 Datasheet
129Kb / 7P
Wet Tantalum SMD Capacitors, Tantalum Metal Case with Glass-to-Tantalum Hermetic Seal, DLA Approved
18-Jun-2019
DLA15005 VISHAY-DLA15005 Datasheet
108Kb / 4P
Wet Tantalum Capacitors, Ultra-High Capacitance, Tantalum Case with Glass-to-Tantalum Hermetic Seal for -55 °C to 125 °C, DLA Approved
09-Dec-16
DLA13017 VISHAY-DLA13017 Datasheet
111Kb / 5P
Wet Tantalum Capacitors, Extended Capacitance, Tantalum Case with Glass-to-Tantalum Hermetic Seal for -55 °C to 125 °C, DLA Approved
09-Mar-16
T16 VISHAY-T16 Datasheet
96Kb / 5P
Wet Tantalum Capacitors, Extended Capacitance, Tantalum Case with Glass-to-Tantalum Hermetic Seal for -55 °C to 125 °C
06-Jul-2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com