Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1486AEVB Datasheet(PDF) 15 Page - Semtech Corporation

Part # SC1486AEVB
Description  Dual Synchronous Buck DDR and DDR2 Power Supply Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1486AEVB Datasheet(HTML) 15 Page - Semtech Corporation

Back Button SC1486AEVB Datasheet HTML 11Page - Semtech Corporation SC1486AEVB Datasheet HTML 12Page - Semtech Corporation SC1486AEVB Datasheet HTML 13Page - Semtech Corporation SC1486AEVB Datasheet HTML 14Page - Semtech Corporation SC1486AEVB Datasheet HTML 15Page - Semtech Corporation SC1486AEVB Datasheet HTML 16Page - Semtech Corporation SC1486AEVB Datasheet HTML 17Page - Semtech Corporation SC1486AEVB Datasheet HTML 18Page - Semtech Corporation SC1486AEVB Datasheet HTML 19Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
15
 2004 Semtech Corp.
www.semtech.com
SC1486A
POWER MANAGEMENT
Application Information (Cont.)
Design Procedure (Cont.)
F
f
2
R
1
Z
1
C
)
MIN
(
VIN
_
SW
TOP
TOP
TOP
•
π
•


−
=
For our DDR2 VDDQ example we will use R
TOP = 45.3kΩ
and R
BOT = 17.4kΩ, therefore:
Z
TOP = 12.8kΩ and CTOP = 32pF
We will select a value of C
TOP = 27pF. Calculating the value
of V
FB based upon the selected CTOP:
P
P
TOP
)
MIN
(
VIN
_
SW
TOp
BOT
BOT
)
MIN
(
VIN
_
RIPPLE
)
MIN
(
VIN
_
FB
V
C
f
2
R
1
1
R
R
V
V
−
•
•
π
•
+
+
•
=
For our DDR2 VDDQ example:
V
FB_VIN(MIN) = 14.2mVP-P - good
Next we need to calculate the minimum output capaci-
tance required to ensure that the output voltage does
not exceed the transient maximum limit, POSLIM
TR, start-
ing from the actual static maximum, V
OUT_ST_POS, when a
load release occurs:
V
ERR
V
V
DC
OUT
POS
_
ST
_
OUT
+
=
For our DDR2 VDDQ example:
V
OUT_ST_POS = 1.836V
V
TOL
V
POSLIM
TR
OUT
TR
•
=
Where TOL
TR is the transient tolerance. For our DDR2
VDDQ example:
POSLIM
TR = 1.944V
The minimum output capacitance is calculated as
follows:
()F
V
POSLIM
2
I
I
L
C
2
POS
_
ST
_
OUT
2
TR
2
)
MAX
(
VIN
_
RIPPLE
OUT
)
MIN
(
OUT
−


+
•
=
This calculation assumes the absolute worst case
condition of a full-load to no load step transient occurring
when the inductor current is at its highest. The
capacitance required for smaller transient steps my be
calculated by substituting the desired current for the I
OUT
term.
For our DDR2 VDDQ example:
C
OUT(MIN) = 760µF.
We will select 660µF, using two 330µF, 25m
Ω
capacitors in parallel.
Next we calculate the RMS input ripple current, which is
largest at the minimum battery voltage:
()
RMS
MIN
_
IN
OUT
OUT
)
MIN
(
IN
OUT
)
RMS
(
IN
A
V
I
V
V
V
I
•
−
•
=
For our DDR2 VDDQ example:
I
IN(RMS) = 4.27ARMS
Input capacitors should be selected with sufficient ripple
current rating for this RMS current, for example a 10µF,
1210 size, 25V ceramic capacitor can handle a little more
than 2A
RMS. Refer to manufacturer’s data sheets.
Finally, we calculate the current limit resistor value. As
described in the current limit section, the current limit
looks at the “valley current”, which is the average output
current minus half the ripple current. We use the
maximum room temperature specification for MOSFET
R
DS(ON) at VGS = 4.5V for purposes of this calculation:
A
2
I
I
I
)
MIN
(
VIN
_
RIPPLE
OUT
VALLEY
−
=
The ripple at low battery voltage is used because we want
to make sure that current limit does not occur under
normal operating conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com