Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1486AEVB Datasheet(PDF) 17 Page - Semtech Corporation

Part # SC1486AEVB
Description  Dual Synchronous Buck DDR and DDR2 Power Supply Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1486AEVB Datasheet(HTML) 17 Page - Semtech Corporation

Back Button SC1486AEVB Datasheet HTML 13Page - Semtech Corporation SC1486AEVB Datasheet HTML 14Page - Semtech Corporation SC1486AEVB Datasheet HTML 15Page - Semtech Corporation SC1486AEVB Datasheet HTML 16Page - Semtech Corporation SC1486AEVB Datasheet HTML 17Page - Semtech Corporation SC1486AEVB Datasheet HTML 18Page - Semtech Corporation SC1486AEVB Datasheet HTML 19Page - Semtech Corporation SC1486AEVB Datasheet HTML 20Page - Semtech Corporation SC1486AEVB Datasheet HTML 21Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
17
 2004 Semtech Corp.
www.semtech.com
SC1486A
POWER MANAGEMENT
Application Information (Cont.)
Layout Guidelines
One (or more) ground planes is/are recommended to minimize the effect of switching noise and copper losses, and
maximize heat dissipation. The IC ground references, VSSA1 and VSSA2, should be kept separate from power
ground. All components that are referenced to them should connect to them locally at the chip. VSSA1 and VSSA2
should connect to power ground at their respective output capacitors only.
Feedback traces must be kept far away from noise sources such as switching nodes, inductors and gate drives.
Route feedback traces with their respective VSSAs as a differential pair from the output capacitor back to the chip.
Run them in a “quiet layer” if possible.
Chip decoupling capacitors (VDDP, VCCA) should be located next to the pins and connected directly to them on the
same side.
Power sections should connect directly to the ground plane(s) using multiple vias as required for current handling
(including the chip power ground connections). Power components should be placed to minimize loops and reduce
losses. Make all the connections on one side of the PCB using wide copper filled areas if possible. Do not use
“minimum” land patterns for power components. Minimize trace lengths between the gate drivers and the gates of
the MOSFETs to reduce parasitic impedances (and MOSFET switching losses), the low-side MOSFET is most critical.
Maintain a length to width ratio of <20:1 for gate drive signals. Use multiple vias as required by current handling
requirement (and to reduce parasitics) if routed on more than one layer
Current sense connections must always be made using Kelvin connections to ensure an accurate signal.
We will examine the SC1486A DDR2 reference design used in the Design Procedure section while explaining the
layout guidelines in more detail.
VSSA1
C11 0u1
C8
1u
0402
C16
0u1
0402
R2 10R
VCCA1
C2
0u1/25V
+
C15
220u/25m
+
C14
330u/25m
R13
17k4
C10 0u1
R8
0R
R10
45k3
0603
0603
C9
1u
0402
TON2
PGOOD2
R1 10R
C7
2n2/50V
R9 10k0
Q1
FDS6982S
4
1
2
3
5
6
7
8
U1
SC1486A
3
1
23
6
7
5
4
22
27
24
26
25
28
17
15
9
20
21
19
18
13
12
8
10
11
14
2
16
VDDP1
PGND1
TON1
DH1
BST1
LX1
ILIM1
EN/PSV1
PGD1
VOUT1
FB1
VCCA1
VSSA1
VDDP2
PGND2
TON2
DH2
BST2
LX2
ILIM2
PGD2
FB2
REFIN
REFOUT
VCCA2
VSSA2
DL1
DL2
R14 470k
R3
1M
7343
R6 4k32
0603
1210
0402
VCCA1
R7
0R
PWR_SRC
PGD2
TON1
0402
SOD
0402
R5 13k3
REFOUT
Q2
IRF7811AV
1
2
3
4
5
6
7
8
S
S
S
G
D
D
D
D
D2
0402
C19
0u1
C6
0u1/25V
323
PGOOD1
0402
0603
0.9V
0.9V, 1.5A
VCCA2
L2
3u9
R15 470k
0402
VCCA1
0402
0402
0603
C23
1n
C1
2n2/50V
0402
0603
VCCA2
0402
C20
1n
0402
1210
5VSUS
1.8V
0402
C12
0u1
0402
1.8V, 10A
C3
10u/25V
Q3
FDS6676S
1
2
3
4
5
6
7
8
S
S
S
G
D
D
D
D
VSSA2
0603
0603
0402
1.8V
SOD
0402
+
C13
330u/25m
7343
C22
1u
5VSUS
PGD1
PWR_SRC
C18
1u
0402
0402
L1
2u4
D1
R12
10k0
R4
649k
0402
7343
323
C21
1u
0402
C17
27p
0603
0402
R11 10R
1210
C4
10u/25V
5VRUN
C5
10u/25V
Figure 4: DDR2 Reference Design and Layout Example
Sample DDR2 Design Using SC1486A
PWR_SRC = 7.5V to 20.5V
VDDQ = 1.8V @ 10A
VTT = 0.9V @ 1.5A
Schematic is drawn to emphasize required grounding scheme



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com