Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD2OS Datasheet(PDF) 2 Page - Greystone Energy Systems Inc.

Part # CD2OS
Description  OUTSIDE CARBON DIOXIDE TRANSMITTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

CD2OS Datasheet(HTML) 2 Page - Greystone Energy Systems Inc.

  CD2OS Datasheet HTML 1Page - Greystone Energy Systems Inc. CD2OS Datasheet HTML 2Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PRINTED IN CANADA
Copyright © Greystone Energy Systems Inc. All Rights Reserved
www.greystoneenergy.com
PS-CD2OSXXX-01
Greystone Energy Systems, Inc.
150 English Drive, Moncton,
New Brunswick, Canada E1E 4G7
Ph: +1 (506) 853-3057 Fax: +1 (506) 853-6014
North America: 1-800-561-5611
E-mail: mail@greystoneenergy.com
WIRING INFORMATION
CO2
SENSOR
RELAY
CO2
COM
PWR
MENU
UP
DOWN
VOLT
mA
CO2
COM
PWR
TERMINAL
FUNCTION
CO2
Analog Output
COM
COMMON
PWR
Supply Voltage
RELAY
Relay Output
OPTIONAL TEMPERATURE
Pigtail, 2 or 3 wire
TERMINAL
FUNCTION
CO2
Analog Output
COM
COMMON
PWR
Supply Voltage
RELAY
Relay Output
OPTIONAL TEMPERATURE
Pigtail, 2 or 3 wire
CO2
SENSOR
RELAY
CO2
COM
PWR
MENU
UP
DOWN
VOLT
mA
HEATED
UNHEATED
PRODUCT
CD2OS
Outside Carbon Dioxide Transmitter
ENCLOSURE
H
N
Weatherproof, heated
Weatherproof, unheated
OPTIONAL TEMPERATURE SENSOR
XX
02
05
06
07
08
12
13
14
20
24
59
None
100Ω Platinum, IEC 751, 385 Alpha, thin film, 3 wire
1801Ω NTC Thermistor, ±0.2°C
3000Ω NTC Thermistor, ±0.2°C
10,000Ω Type 3, NTC Thermistor, ±0.2°C
2.252KΩ NTC Thermistor, ±0.2°C
1000Ω Platinum, IEC 751, 385 Alpha, thin film
1000Ω Nickel, Class B, DIN 43760
10,000Ω Type 3, NTC Thermistor, ±0.2°C c/w 11,000 shunt resistor
20,000Ω NTC Thermistor, ±0.2°C
10,000Ω Type 2, NTC Thermistor, ±0.2°C
10,000Ω @ 25°C, ±1%, B = 3435 ±1% (25/85)
RELAY
X
R
None
Relay
ORDERING
CD2OS
PART NUMBER
NOTE: Greystone Energy Systems, Inc. reserves the right to make design modifications without prior notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com