Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD2OS Datasheet(PDF) 1 Page - Greystone Energy Systems Inc.

Part # CD2OS
Description  OUTSIDE CARBON DIOXIDE TRANSMITTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

CD2OS Datasheet(HTML) 1 Page - Greystone Energy Systems Inc.

  CD2OS Datasheet HTML 1Page - Greystone Energy Systems Inc. CD2OS Datasheet HTML 2Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GREYSTONE HAS AN ISO 9001 REGISTERED QUALITY SYSTEM
OUTSIDE CARBON DIOXIDE TRANSMITTER
CD2OS SERIES
PRODUCT DESCRIPTION
The outside CO
2 transmitter device uses a highly
accurate and reliable non-dispersive infrared
(NDIR) sensor in an vented, weatherproof
enclosure to monitor outside CO
2, levels. The
sensor uses dual wavelength optics and LTA (long
term adjustment) signal processing technology to
deliver industry leading long-term accuracy and
reliability.
Standard features include a field selectable output
signal of either 4-20 mA, 0-5 Vdc or 0-10 Vdc
for the highest versatility, programmable CO2
measurement span, a backlit alpha-numeric LCD
and easy menu operation for configuration.
Optional features include a resistive temperature
sensor output and a control relay with
programmable setpoint,hysteresis and time delay.
TYPICAL INSTALLATION
For complete installation and wiring details,
please refer to the product installation
instructions.
The CD2OS should be mounted on an outside
North facing wall, under the eaves which will
provide protection from direct sunlight and wind.
The CD2OS can be mounted directly to buildings
wall face using the provided mounting holes. There
are 0.85” knockouts for conduit connection.
The basic CD2OS has a 3 wire configuration with
a screw block terminal provided for connection to
the Building Automation System.
GAS TYPE DETECTED
Carbon Dioxide (CO
2)
SENSOR TYPE
Dual Wavelength Non-Dispersive Infrared (NDIR)
SENSOR ACCURACY
± (30ppm + 3% of measured value)
MEASUREMENT RANGE
0-2000ppm, adjustable 1000 - 10,000ppm
ALTITUDE ADJUSTMENT
0-2550m in 50m increments
TEMPERATURE DEPENDENCY
±2.5ppm/°C
RESPONSE TIME
20 seconds (T63) - See Note
WARM-UP TIME
1 minute
SENSOR LIFE SPAN
>15 years
TRANSMITTER ACCURACY
±0.25% of span (including linearity, hysteresis and repeatability)
POWER SUPPLY
24 Vdc ± 20% or 24 Vac ± 10% (non-isolated half-wave rectified)
PROTECTION CIRCUITRY
Reverse voltage and transient protected
INPUT VOLTAGE EFFECT
Negligible over specified operating range
OUTPUT SIGNAL TYPE
4-20 mA (3-wire), 0-5 or 0-10 Vdc (field selectable)
CURRENT CONSUMPTION
(4-20 mA OUTPUT)
Heated: 1.0A max @ 24 Vdc 1.1 A max @ 24 Vac
Unheated: 75 mA max @ 24 Vdc 150 mA max @ 24 Vac
CURRENT CONSUMPTION
(0-5/10 Vdc OUTPUT)
Heated: 1.0 A max @ 24 Vdc
1.1 A max @ 24 Vac
Unheated: 50 mA max @ 24 Vdc
100 mA max @ 24 Vac
OUTPUT DRIVE @ 24 VDC
Current: 550Ω max
Voltage: 10,000Ω min
OPERATING CONDITIONS
Heated: -40 to 50°C (-40 to 122°F)
Unheated: 0 to 50°C (32 to 122°F)
5 to 90 %RH non-condensing
STORAGE CONDITIONS
-40 to 70°C (-22 - 158°F), 5 to 90 %RH non-condensing
CONCEALED LCD DISPLAY
(USED FOR SETTING PARAMETERS)
Units: ppm (CO2)
Range: 0-10,000ppm
Size: 35mm W x 15mm H (1.4” x 0.6”), Alpha-numeric 2 line x 8 character
OPTIONAL TEMPERATURE SENSOR
Type: Thermistor and RTD (see ordering chart)
Accuracy: See ordering chart
Output: 2-wire resistive
OPTIONAL RELAY (2-WIRE OUTPUT)
Selectable CO
2 high or CO2 low
Rating: Form A (N.O.), 2 Amps @ 140 Vac / 30 Vdc
ENCLOSURE
110mm W x 180mm H x 89mm D (4.3” x 7.125” x 3.5”) IP65 (NEMA 4X)
WIRING CONNECTIONS
Screw terminal block (14 to 22 AWG)
Optional Temperature: Pigtail, 2 or 3 wire
APPROVALS
CE
COUNTRY OF ORIGIN
Canada
SPECIFICATIONS
NOTE: The outside enclosure slows the sensor response time to approximately 30 minutes for a 90% step
change of CO
2 concentrations.
95mm
3.75”
165mm
6.5”
109mm
5.3”
89mm
3.5”
180mm
7.125”
North
Outside CO
2
Transmitter


Similar Part No. - CD2OS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CD2003GB ETC2-CD2003GB Datasheet
208Kb / 7P
FM/AM RADIO IC
CD2003GP ETC2-CD2003GP Datasheet
208Kb / 7P
FM/AM RADIO IC
logo
Bourns Electronic Solut...
CD2010-B140 BOURNS-CD2010-B140 Datasheet
437Kb / 4P
CD2010-B140 - Surface Mount Schottky Rectifier Diode
CD2010-B160 BOURNS-CD2010-B160 Datasheet
376Kb / 4P
CD2010-B160 - Surface Mount Schottky Rectifier Diode
logo
List of Unclassifed Man...
CD2015FC ETC2-CD2015FC Datasheet
137Kb / 2P
Low Resistance Precision Chip Resistors
More results

Similar Description - CD2OS

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
T3000 AMPHENOL-T3000 Datasheet
98Kb / 4P
Accurate carbon dioxide transmitter for HVAC control applications
logo
Greystone Energy System...
PS-CHTD GREYSTONE-PS-CHTD Datasheet
522Kb / 2P
DUCT CARBON DIOXIDE/HUMIDITY/TEMPERATURE TRANSMITTER
CD2DT GREYSTONE-CD2DT Datasheet
271Kb / 2P
DUCT CARBON DIOXIDE TRANSMITTER
CD2RMC GREYSTONE-CD2RMC Datasheet
268Kb / 2P
ROOM CARBON DIOXIDE DETECTOR
CDD5X1 GREYSTONE-CDD5X1 Datasheet
402Kb / 2P
ROOM CARBON DIOXIDE DETECTOR
CDDT GREYSTONE-CDDT Datasheet
314Kb / 2P
DUCT CARBON DIOXIDE TRANSMITTER
CEDT GREYSTONE-CEDT Datasheet
421Kb / 2P
DUCT CARBON DIOXIDE TRANSMITTER
CERMC GREYSTONE-CERMC Datasheet
171Kb / 2P
ROOM CARBON DIOXIDE TRANSMITTER
CHTDT GREYSTONE-CHTDT Datasheet
522Kb / 2P
DUCT CARBON DIOXIDE/HUMIDITY/TEMPERATURE TRANSMITTER
logo
Vaisala
GMP251 VAISALA-GMP251 Datasheet
229Kb / 3P
GMP251 Carbon Dioxide Probe
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com