Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS425HC Datasheet(PDF) 1 Page - Greystone Energy Systems Inc.

Part # CS425HC
Description  AC CURRENT SWITCHES HIGH OUTPUT WITH TIME DELAY
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

CS425HC Datasheet(HTML) 1 Page - Greystone Energy Systems Inc.

  CS425HC Datasheet HTML 1Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PRINTED IN CANADA
Copyright © Greystone Energy Systems Inc. All Rights Reserved
www.greystoneenergy.com
PS-CSGNG200XXX-02-01
11/19
Greystone Energy Systems, Inc.
150 English Drive, Moncton,
New Brunswick, Canada E1E 4G7
Ph: +1 (506) 853-3057 Fax: +1 (506) 853-6014
North America: 1-800-561-5611
E-mail: mail@greystoneenergy.com
AC CURRENT SWITCHES HIGH OUTPUT WITH TIME DELAY
CS-425-HC
PRODUCT DESCRIPTION
The CS-425-HC products are solid-state current
switches with N.O. triac outputs to control high-
current line-voltage AC loads. All models have a
factory set trip level of approximately 1 Amp and
require no field adjustment for easy installation.
Internal circuits are powered by induction from
the line being monitored and all models are cULu
certified.
The CS-425-HC series can operate a dryer booster
fan directly. These devices sense when a clothes
dryer is drawing 1 Amp of current and then closes
the output switch to activate the dryer vent booster
fan. When the dryer cycle is complete and the
current drops below the threshold, the output
switch will remain closed for a pre-set delay time
to allow heat to be removed from the vent before
the switch is opened again. The device output can
switch 120 Vac loads up to 2.5 Amps.
TYPICAL INSTALLATION
For complete installation and wiring details,
please refer to the product installation
instructions.
PRODUCT
CS-425-HC-
AC Current Switches High Output
TIME DELAY
0
5
10
15
None
5 minutes
10 minutes
15 minutes
ORDERING
CS-425-HC-
PART NUMBER
NOTE: Greystone Energy Systems, Inc. reserves the right to make design modifications without prior notice.
MAXIMUM CORE CURRENT
50 Amps
OPERATING TEMPERATURE
0 to 40°C (32 to 104°F)
TRIP SET-POINT
Approximately 1 Amps
ENCLOSURE SIZE
49mm H 87mm W x 25mm D (1.95” x 3.45” x 1”)
AC CONDUCTOR HOLE
20mm (0.8”) diameter
SWITCH RATING
120 Vac @ 2.5 Amps maximum
SWITCH TYPE
Solid-state triac
OFF-STATE LEAKAGE
<1 mA
TURN ON TIME / TURN OFF TIME
<200 mS 0, 5, 10 or 15 minutes
OPERATING HUMIDITY
0 to 95 %RH non-condensing
MATERIAL
ABS, UL94-V0, Insulation class 600V
MOUNTING HOLES
2 x 5 mm holes spaced 76mm on base (2 x 0.19” holes spaced 3” on base)
AGENCY APPROVALS
cULus listed
SPECIFICATIONS
49mm
1.95”
87mm
3.45”
20mm
0.8”
67.2mm
3”
ø5mm (x2)
0.8”
RELAY
Power
Source
RELAY


Similar Part No. - CS425HC

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS42516 CIRRUS-CS42516 Datasheet
1Mb / 90P
110 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
CS42516 CIRRUS-CS42516 Datasheet
1Mb / 91P
110 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
CS42516-CQZ CIRRUS-CS42516-CQZ Datasheet
1Mb / 90P
110 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
CS42516-CQZ CIRRUS-CS42516-CQZ Datasheet
1Mb / 91P
110 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
CS42516-CQZR CIRRUS-CS42516-CQZR Datasheet
1Mb / 91P
110 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
More results

Similar Description - CS425HC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FT8010 FAIRCHILD-FT8010 Datasheet
476Kb / 13P
Reset Timer with Configurable Delay Time
logo
Advanced Power Electron...
APE6800 A-POWER-APE6800 Datasheet
386Kb / 10P
Reset Timer with Delay Time
logo
Rohm
BD5225G-TR ROHM-BD5225G-TR Datasheet
474Kb / 16P
Free Delay Time Setting Free Delay Time Setting
logo
Advanced Power Electron...
APE6800 A-POWER-APE6800_16 Datasheet
399Kb / 10P
Reset Timer with Delay Time
logo
Pericom Semiconductor C...
PT7M6518 PERICOM-PT7M6518 Datasheet
504Kb / 8P
Voltage Detector with Adjustable Delay Time
logo
ABLIC Inc.
S-1009 ABLIC-S-1009 Datasheet
619Kb / 43P
0.27uA CURRENT CONSUMPTION VOLTAGE DETECTOR WITH DELAY FUNCTION (EXTERNAL DELAY TIME SETTING
Rev.5.1_03
logo
Eaton All Rights Reserv...
2410TD EATON-2410TD Datasheet
1Mb / 6P
High current time-delay SMT Brick fuse
May 2022
logo
Littelfuse
TDR LITTELFUSE-TDR Datasheet
437Kb / 2P
Relay Output, Recycling Time Delay Relay
2016 Rev: 1-A-062116
TDS LITTELFUSE-TDS Datasheet
347Kb / 2P
Relay Output, Single Shot Time Delay Relay
2021 Rev: 1-B-030121
logo
Greystone Energy System...
CS-625 GREYSTONE-CS-625 Datasheet
183Kb / 1P
AC CURRENT SWITCH HIGH OUTPUT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com