Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFS110 Datasheet(PDF) 2 Page - Mantra Softech India Pvt Ltd. All Rights Reserved.

Part # MFS110
Description  L1 Fingerprint Scanner
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MANTRA [Mantra Softech India Pvt Ltd. All Rights Reserved.]
Direct Link  https://www.mantratec.com
Logo MANTRA - Mantra Softech India Pvt Ltd. All Rights Reserved.

MFS110 Datasheet(HTML) 2 Page - Mantra Softech India Pvt Ltd. All Rights Reserved.

  MFS110 Datasheet HTML 1Page - Mantra Softech India Pvt Ltd. All Rights Reserved. MFS110 Datasheet HTML 2Page - Mantra Softech India Pvt Ltd. All Rights Reserved. MFS110 Datasheet HTML 3Page - Mantra Softech India Pvt Ltd. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MFS110 is an elegant L1 fingerprint device used for identification, verification
& authentica-
tion processes of an individual. MFS110 offers secured biometrics data, error-free and
reliable identification based on unique fingerprint biometric technology. It is fast
&
easy-to-use. It can be used as an alternative or a complement to those hard-to-remember
passwords.
www.mantratec.com
MANTRA
At a Glance
L1 Fingerprint Scanner
MFS110
Fingerprint Sensor Type
Spatial Resolution
Platen Area
Sensing Area
: Optical Sensor
: 500 DPI +/- 2%
: 16.0 mm x 19.0 mm
: 13.0 mm x 16.5 mm
Parameters
Specification
Sensor Characteristics
Image size
Image Grayscale
Light Source
Maximum Acquisition time
(Placement to Template)
Approx. Dimension (L x W x H)
: 256 x 328 Pixels
: 256 (8 - Bit Gray Level)
: Red LED
: < 2 Sec
: 61(L) x 91(W) x 54(H) mm
Approx. Weight
Capture mode
: 0.140 kg
: Auto capture with built-in quality check
(incorporates NIST quality considerations)
Security
Crypto operation
Secure Memory
: Hardware base RSA2048 Key Generation, AES-GCM-256,
SHA-256, TRNG support
: TEE support by the device. Secure memory support key
wraping feature
Secure Boot
: Secure boot support by the device
Parameters
Specification
Operating Voltage
Operating Current
Stand by Current
Interface
: 5V +/- 5% (USB Powered Device)
: <90 mA
: 50 mA
: USB 2.0
Parameters
Specification
Electrical



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com