Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFS110 Datasheet(PDF) 3 Page - Mantra Softech India Pvt Ltd. All Rights Reserved.

Part # MFS110
Description  L1 Fingerprint Scanner
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MANTRA [Mantra Softech India Pvt Ltd. All Rights Reserved.]
Direct Link  https://www.mantratec.com
Logo MANTRA - Mantra Softech India Pvt Ltd. All Rights Reserved.

MFS110 Datasheet(HTML) 3 Page - Mantra Softech India Pvt Ltd. All Rights Reserved.

  MFS110 Datasheet HTML 1Page - Mantra Softech India Pvt Ltd. All Rights Reserved. MFS110 Datasheet HTML 2Page - Mantra Softech India Pvt Ltd. All Rights Reserved. MFS110 Datasheet HTML 3Page - Mantra Softech India Pvt Ltd. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.mantratec.com
MANTRA
L1 Fingerprint Scanner
MFS110
Operating Temperature
Storage Temperature
Humidity (Operating / Storage)
: 0 to 50 °C
: 0 to 50 °C
: < 90% RH, Non-condensing
Parameters
Specification
Environmental
Compliant to Following Standard
Biometric Data Interchange Format
Environmental, Health and Safety
Safety
: ISO 19794-2 for minutiae
& ISO 19794-4 for Image Template in Encrypted
PID Data Block
: RoHS
: EN/IEC 62368-1, IS 13252 (Part 1)
EMI / EMC Compliance
Image Quality Complaince
: CE, FCC Part 15B
: FBI PIV*, STQC*
Parameters
Specification
IP Rating
: IP54
Device Driver
Operating System
: WHQL certified
: Windows x86
& x64, Linux, Android
* Certication under process



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com